| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
2PB709ASL
|
56Kb / 9P |
45 V, 100 mA PNP general-purpose transistors
Rev. 01-12 November 2008 |
|
BC857XMB
|
389Kb / 14P |
45 V, 100 mA PNP general-purpose transistors
Rev. 1-21 February 2012 |
 Nexperia B.V. All right... |
BC857XMB
|
1Mb / 14P |
45 V, 100 mA PNP general-purpose transistors
|
 ON Semiconductor |
NST856MTWFT
|
262Kb / 7P |
General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1 |
 Nexperia B.V. All right... |
2PA1774XMB_SER
|
988Kb / 12P |
40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012 |
|
2PB709ARL
|
614Kb / 9P |
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008 |
|
BC857XMB_SER
|
1Mb / 14P |
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 21 February 2012 |
|
BC857XQA_SER
|
1Mb / 15P |
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 26 August 2015 |
|
BC856W-Q
|
229Kb / 13P |
65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021 |
|
PMBS3906
|
189Kb / 10P |
40 V, 100 mA PNP general-purpose transistor
5 June 2018 |