Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AU2064 Datasheet (PDF) - Aplus Intergrated Circuits

AU2064 Datasheet PDF - Aplus Intergrated Circuits
Part # AU2064
Download  AU2064 Download
File Size   1218.63 Kbytes
Page   12 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description single chip voice synthesizer with 4-bit microprocessor

AU2064 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU2064 Datasheet PDF - Aplus Intergrated Circuits

Part # AU2064
Download  AU2064 Click to download

File Size   1218.63 Kbytes
Page   12 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description single chip voice synthesizer with 4-bit microprocessor

AU2064 Datasheet (HTML) - Aplus Intergrated Circuits


AU2064 Product details

General Description:
The AU1564, AU1564A, AU2064, AU2064A is a single chip voice synthesizer with 4-bit microprocessor. That can synthesize voice up to 15, 20 seconds by ALPHA qualified coding algorithm (LOGPCM).
The 4-bit microprocessor has various feature including 4-bit ALU, 1K×15 bits ROM, 64×4 bits RAM, I/O port, timer, clock generator, LCD driver, etc. The instruction set with 78 instructions. With the half function can minimize power dissipation.

Features:
1. Single power supply can operate from 2.4V through 6V
2. The total voice duration is about 15, 20 seconds could be partitioned up to 64 sections
    (AU1564, AU1564A -->15 seconds, AU2064, AU2064A -->20 seconds)
3. The voice can be triggered by microprocessor instructions
4. Current output could drive 8 ohm speaker with a transistor, VOUT could drive buzzer or
64 ohm directly.
5. LCD driver provided, up to 3× 24=72 segments. Build-in HALVER circuitry.
6. Build-in clock generator
7. Internal ROM: 1024×15 bits
    Internal RAM: 64×4 bits
8. Two 4-bit input ports (AU1564, AU1564A has no S4 pad)
9. Two 4-bit I/O ports
10. One 4-bit output port
11. One control output pins
12. 78 instructions
13. 4-level subroutine nesting (also used for interrupt)
14. Two external factors (INT, S & M port) for interrupt
15. Two internal factors (Timer , Divider) for interrupt
16. Three current output level 1.5mA, 3mA, 4.5mA is mask option (full scale).
    (AU1564, AU1564A has no COUT output function)




Similar Part No. - AU2064

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
AU20 FLEXTRAL-AU20 Datasheet
329Kb / 1P
Coolant Hose
V04.21
AU20-063 FLEXTRAL-AU20-063 Datasheet
329Kb / 1P
Coolant Hose
V04.21
AU20-075 FLEXTRAL-AU20-075 Datasheet
329Kb / 1P
Coolant Hose
V04.21
AU20-088 FLEXTRAL-AU20-088 Datasheet
329Kb / 1P
Coolant Hose
V04.21
AU20-100 FLEXTRAL-AU20-100 Datasheet
329Kb / 1P
Coolant Hose
V04.21
More results


Similar Description - AU2064

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
very low cost voice synthesizer with 4-bit microprocessor
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM25512C APLUS-ASM25512C Datasheet
617Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com