Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7545BRPDI Datasheet (PDF) - Maxwell Technologies

7545BRPDI Datasheet PDF - Maxwell Technologies
Part # 7545BRPDI
Download  7545BRPDI Download
File Size   92.38 Kbytes
Page   9 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 12-Bit Buffered Multiplying Digital to Analog Converter

7545BRPDI Datasheet (PDF)

Go To PDF Page Download Datasheet
7545BRPDI Datasheet PDF - Maxwell Technologies

Part # 7545BRPDI
Download  7545BRPDI Click to download

File Size   92.38 Kbytes
Page   9 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 12-Bit Buffered Multiplying Digital to Analog Converter

7545BRPDI Datasheet (HTML) - Maxwell Technologies


7545BRPDI Product details

DESCRIPTION:
Maxwell Technologies’ 7545B is a 12-bit CMOS-buffered multiplying DAC with internal data latches, which features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. The 754B features a WR pulse width of 100 ns which allows interfacing to a much wider range of fast 8-bit and 16-bit microprocessors. It is loaded by a single 12-bit wide word under the control of the CS and WR inputs; tying these control inputs low makes the input latches transparent allowing unbuffered operation of the DAC. The 7545B is particularly suitable for single supply operations and applications with wide temperature variations.

FEATURES:
• RAD-PAK® patented shielding against natural space radiation
• Total dose hardness:
   - > 50 krad (Si), depending upon space mission
• Excellent single event effects
   - SELTH: > 120 MeV/mg/cm2
   - SEUTH: > 120 MeV/mg/cm2
• Package:
   - 20 pin RAD-PAK® Flat Pack
   - 20 pin RAD-PAK® DIP
• Low gain temperature coefficient:
   - 5 ppm/°C typ.
• Fast interface timing
• Single +5 V to +15 V supply




Similar Part No. - 7545BRPDI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7545 RENESAS-7545 Datasheet
1,007Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Heyco.
7545 HEYCO-7545 Datasheet
169Kb / 1P
Specialty Female Connectors
logo
Molex Electronics Ltd.
75450-0001 MOLEX-75450-0001 Datasheet
141Kb / 2P
0.80mm (.031?? Pitch SFP Stacked Multi-Port Connectors
75450-5001 MOLEX-75450-5001 Datasheet
60Kb / 2P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Turck, Inc.
7545041 TURCK-7545041 Datasheet
232Kb / 2P
Switching power supply
2020-01-31
More results


Similar Description - 7545BRPDI

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7528 EXAR-MP7528 Datasheet
142Kb / 16P
CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com