Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTVPTT Datasheet (PDF) - Bourns Electronic Solutions

PTVPTT Datasheet PDF - Bourns Electronic Solutions
Part # PTVPTT
Download  PTVPTT Download
File Size   298.43 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 12 mm Potentiometer

PTVPTT Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVPTT Datasheet PDF - Bourns Electronic Solutions

Part # PTVPTT
Download  PTVPTT Click to download

File Size   298.43 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 12 mm Potentiometer

PTVPTT Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PTVPTT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV BOURNS-PTV Datasheet
483Kb / 5P
12 mm Potentiometer
REV. 02/17
logo
Artesyn Technologies
PTV03010 ARTESYN-PTV03010 Datasheet
234Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTV03010 EMERSON-NETWORKPOWER-PTV03010 Datasheet
234Kb / 4P
DC-DC CONVERTERS
logo
Texas Instruments
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
logo
Artesyn Technologies
PTV03010W ARTESYN-PTV03010W Datasheet
234Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
More results


Similar Description - PTVPTT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
9 mm Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
16 mm Motorized Potentiometer
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
9 mm Potentiometer
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
PRS11S BOURNS-PRS11S Datasheet
317Kb / 3P
11 mm SMD Potentiometer
6537 BOURNS-6537 Datasheet
161Kb / 1P
22 mm Precision Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com