Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet (PDF) - Microchip Technology

PIC16C554 Datasheet PDF - Microchip Technology
Part # PIC16C554
Download  PIC16C554 Download
File Size   1780.03 Kbytes
Page   337 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers

PIC16C554 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16C554 Datasheet PDF - Microchip Technology

Part # PIC16C554
Download  PIC16C554 Click to download

File Size   1780.03 Kbytes
Page   337 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8-Bit CMOS Microcontrollers

PIC16C554 Datasheet (HTML) - Microchip Technology


PIC16C554 Product details

GENERAL DESCRIPTION
The PIC16CXX is a family of low-cost, high-perfor mance, CMOS, fully-static, 8-bit microcontrollers.

PIC16C6X Microcontroller Core Features:
• High performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program branches which are two-cycle
• Operating speed: DC - 20 MHz clock input
                               DC - 200 ns instruction cycle
• Interrupt capability
• Eight level deep hardware stack
• Direct, indirect, and relative addressing modes
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation
• Programmable code-protection
• Power saving SLEEP mode
• Selectable oscillator options
• Low-power, high-speed CMOS EPROM/ROM technology
• Fully static design
• Wide operating voltage range: 2.5V to 6.0V
• Commercial, Industrial, and Extended temperature ranges
• Low-power consumption:
•< 2 mA @ 5V, 4 MHz
•15 µA typical @ 3V, 32 kHz
•< 1 µA typical standby current

PIC16C6X Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler, can be incremented during sleep via external crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler
• Capture/Compare/PWM (CCP) module(s)
• Capture is 16-bit, max resolution is 12.5 ns, Compare is 16-bit, max resolution is 200 ns, PWM max resolution is 10-bit.
• Synchronous Serial Port (SSP) with SPI and I2C
• Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI)
• Parallel Slave Port (PSP) 8-bits wide, with external RD, WRand CScontrols
• Brown-out detection circuitry for Brown-out Reset (BOR)




Similar Part No. - PIC16C554

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C554 MICROCHIP-PIC16C554 Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C554 MICROCHIP-PIC16C554 Datasheet
1Mb / 108P
EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C554-04/JW MICROCHIP-PIC16C554-04/JW Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C554-04/P MICROCHIP-PIC16C554-04/P Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16C554-04/SO MICROCHIP-PIC16C554-04/SO Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
More results


Similar Description - PIC16C554

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
8-Bit CMOS Microcontrollers
1997 - 1999
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041-15 TOSHIBA-TMP90C041-15 Datasheet
631Kb / 12P
CMOS 8-BIT MICROCONTROLLERS
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
8-BIT CMOS MICROCONTROLLERS
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
8-Bit CMOS Microcontrollers
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
CMOS 8-Bit Microcontrollers
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
8-BIT CMOS MICROCONTROLLERS
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
8-BIT CMOS MICROCONTROLLERS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com