Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28BV64-30 Datasheet (PDF) - ATMEL Corporation

AT28BV64-30 Datasheet PDF - ATMEL Corporation
Part # AT28BV64-30
Download  AT28BV64-30 Download
File Size   410.67 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 64K 8K x 8 Battery-Voltage CMOS E2PROM

AT28BV64-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28BV64-30 Datasheet PDF - ATMEL Corporation

Part # AT28BV64-30
Download  AT28BV64-30 Click to download

File Size   410.67 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 64K 8K x 8 Battery-Voltage CMOS E2PROM

AT28BV64-30 Datasheet (HTML) - ATMEL Corporation


AT28BV64-30 Product details

Description
The AT28BV64 is a low-voltage, low-power Electrically Erasable and Programmable Read Only Memory specifically designed for battery powered applications. Its 64K of memory is organized 8,192 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 200 ns with power dissipation less than 30 mW. When the device is deselected the standby current is less than 50 µA.

Features
• 2.7V to 3.6V Supply
   Full Read and Write Operation
• Low Power Dissipation
   8 mA Active Current
   50 µA CMOS Standby Current
• Read Access Time - 300 ns
• Byte Write - 3 ms
• Direct Microprocessor Control
   DATA Polling
   READY/BUSY Open Drain Output
• High Reliability CMOS Technology
   Endurance: 100,000 Cycles
   Data Retention: 10 Years
• JEDEC Approved Byte-Wide Pinout
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT28BV64-30

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B ATMEL-AT28BV64B Datasheet
367Kb / 17P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JC ATMEL-AT28BV64B-20JC Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JI ATMEL-AT28BV64B-20JI Datasheet
254Kb / 12P
64K (8K x 8) Battery-Voltage??Parallel EEPROM with Page Write and Software Data Protection
AT28BV64B-20JI ATMEL-AT28BV64B-20JI Datasheet
367Kb / 17P
64K (8K x 8) Battery-Voltage Parallel EEPROM with Page Write and Software Data Protection
More results


Similar Description - AT28BV64-30

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
ATMEL Corporation
AT28BV16 ATMEL-AT28BV16 Datasheet
398Kb / 8P
16K 2K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
27LV64 MICROCHIP-27LV64 Datasheet
62Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
64K (8K x 8) CMOS EEPROM
1996
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64 Datasheet
324Kb / 11P
64K (8K x 8) CMOS E2PROM
logo
Microchip Technology
28LV64A MICROCHIP-28LV64A Datasheet
53Kb / 8P
64K (8K x 8) Low Voltage CMOS EEPROM
1996
27LV64 MICROCHIP-27LV64 Datasheet
128Kb / 10P
64K (8K x 8) Low-Voltage CMOS EPROM
2004
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
64K (8K x 8) CMOS EEPROM
2004
28LV64A MICROCHIP-28LV64A_04 Datasheet
131Kb / 10P
64K (8K x 8) Low Voltage CMOS EEPROM
2004
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com