Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29LV040A Datasheet (PDF) - ATMEL Corporation

AT29LV040A Datasheet PDF - ATMEL Corporation
Part # AT29LV040A
Download  AT29LV040A Download
File Size   432.54 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 512K x 8 3-volt Only 256 Byte Sector CMOS Flash Memory

AT29LV040A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29LV040A Datasheet PDF - ATMEL Corporation

Part # AT29LV040A
Download  AT29LV040A Click to download

File Size   432.54 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 512K x 8 3-volt Only 256 Byte Sector CMOS Flash Memory

AT29LV040A Datasheet (HTML) - ATMEL Corporation


AT29LV040A Product details

Description
The AT29LV040A is a 3-volt only in-system Flash Programmable and Erasable Read Only Memory (PEROM). Its 4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS EEPROM technology, the device offers access times to 150 ns, and a low 54 mW power dissipation. When the device is deselected, the CMOS standby current is less than 50 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times. The programming algorithm is compatible with other devices in Atmel’s 3-volt only Flash memories.
To allow for simple in-system reprogrammability, the AT29LV040A does not require high input voltages for programming. Three-volt-only commands determine the operation of the device. Reading data out of the device is similar to reading from an EPROM. Reprogramming the AT29LV040A is performed on a sector basis; 256 bytes of data are loaded into the device and then simultaneously programmed.

Features
• Single Voltage, Range 3V to 3.6V Supply
• 3-volt Only Read and Write Operation
• Software Protected Programming
• Fast Read Access Time – 150 ns
• Low Power Dissipation
   – 15 mA Active Current
   – 50 µA CMOS Standby Current
• Sector Program Operation
   – Single Cycle Reprogram (Erase and Program)
   – 2048 Sectors (256 Bytes/Sector)
   – Internal Address and Data Latches for 256 Bytes
• Two 16K Bytes Boot Blocks with Lockout
• Fast Sector Program Cycle Time – 20 ms Max
• Internal Program Control and Timer
• DATA Polling for End of Program Detection
• Typical Endurance > 10,000 Cycles
• CMOS and TTL Compatible Inputs and Outputs
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT29LV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV040A ATMEL-AT29LV040A Datasheet
459Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15JU ATMEL-AT29LV040A-15JU Datasheet
459Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A-15TU ATMEL-AT29LV040A-15TU Datasheet
459Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29LV040A ATMEL-AT29LV040A_08 Datasheet
459Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
More results


Similar Description - AT29LV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A Datasheet
234Kb / 11P
4-Megabit 512K x 8 5-volt Only 256-Byte Sector CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT29C040A ATMEL-AT29C040A_08 Datasheet
409Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29LV040A ATMEL-AT29LV040A_08 Datasheet
459Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
ATMEL Corporation
AT29LV040A-15JI ATMEL-AT29LV040A-15JI Datasheet
387Kb / 16P
4-megabit (512K x 8) 3-volt Only 256-byte Sector Flash Memory
AT29C040A-90PC ATMEL-AT29C040A-90PC Datasheet
258Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
AT29C040A-90PI ATMEL-AT29C040A-90PI Datasheet
258Kb / 17P
4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com