Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0240BA03146S Datasheet (PDF) - API Technologies Corp

SF0240BA03146S Datasheet PDF - API Technologies Corp
Part # SF0240BA03146S
Download  SF0240BA03146S Download
File Size   159.56 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 240 MHz SAW Filter 7.6 MHz Bandwidth

SF0240BA03146S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0240BA03146S Datasheet PDF - API Technologies Corp

Part # SF0240BA03146S
Download  SF0240BA03146S Click to download

File Size   159.56 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 240 MHz SAW Filter 7.6 MHz Bandwidth

SF0240BA03146S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0240BA03146S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240BA03142S APITECH-SF0240BA03142S Datasheet
158Kb / 3P
240 MHz SAW Filter 1.55 MHz Bandwidth
SF0240BA03143S APITECH-SF0240BA03143S Datasheet
158Kb / 3P
240 MHz SAW Filter 4.8 MHz Bandwidth
SF0240BA03144S APITECH-SF0240BA03144S Datasheet
159Kb / 3P
240 MHz SAW Filter 5.7 MHz Bandwidth
SF0240BA03145S APITECH-SF0240BA03145S Datasheet
159Kb / 3P
240 MHz SAW Filter 6.7 MHz Bandwidth
More results


Similar Description - SF0240BA03146S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0240BA01987S ICST-SF0240BA01987S Datasheet
180Kb / 2P
240 MHz Filter 14 MHz Bandwidth
Rev 1.4
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0240BA03145S APITECH-SF0240BA03145S Datasheet
159Kb / 3P
240 MHz SAW Filter 6.7 MHz Bandwidth
SF0240BA03144S APITECH-SF0240BA03144S Datasheet
159Kb / 3P
240 MHz SAW Filter 5.7 MHz Bandwidth
SF0240BA03143S APITECH-SF0240BA03143S Datasheet
158Kb / 3P
240 MHz SAW Filter 4.8 MHz Bandwidth
SF0240BA03142S APITECH-SF0240BA03142S Datasheet
158Kb / 3P
240 MHz SAW Filter 1.55 MHz Bandwidth
SF0240BA01987S APITECH-SF0240BA01987S Datasheet
139Kb / 3P
240 MHz SAW Filter 14 MHz Bandwidth
logo
Oscilent Corporation
813-SL135.0M-07A OSCILENT-813-SL135.0M-07A Datasheet
119Kb / 4P
135MHz IF SAW Filter 7.6 MHz Bandwidth
logo
Transko Electronics, In...
TL13507AV TRANSKO-TL13507AV Datasheet
457Kb / 4P
135.0 MHz IF SAW Filter / 7.6 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com