Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT2222AT1 Datasheet (PDF) - Motorola, Inc

PZT2222AT1 Datasheet PDF - Motorola, Inc
Part # PZT2222AT1
Download  PZT2222AT1 Download
File Size   136.36 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT

PZT2222AT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT2222AT1 Datasheet PDF - Motorola, Inc

Part # PZT2222AT1
Download  PZT2222AT1 Click to download

File Size   136.36 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT

PZT2222AT1 Datasheet (HTML) - Motorola, Inc


PZT2222AT1 Product details

This NPN Silicon Epitaxial transistor is designed for use in linear and switching applications. The device is housed in the SOT-223 package which is designed for medium power surface mount applications.

• PNP Complement is PZT2907AT1
• The SOT-223 package can be soldered using wave or reflow.
• SOT-223 package ensures level mounting, resulting in improved thermal
   conduction, and allows visual inspection of soldered joints. The formed
   leads absorb thermal stress during soldering, eliminating the possibility of
   damage to the die.
• Available in 12 mm tape and reel
   Use PZT2222AT1 to order the 7 inch/1000 unit reel.
   Use PZT2222AT3 to order the 13 inch/4000 unit reel.




Similar Part No. - PZT2222AT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT2222AT1 ONSEMI-PZT2222AT1 Datasheet
136Kb / 6P
NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1/D ONSEMI-PZT2222AT1/D Datasheet
136Kb / 6P
NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1D ONSEMI-PZT2222AT1D Datasheet
136Kb / 6P
NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
136Kb / 6P
NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 2
PZT2222AT1G ONSEMI-PZT2222AT1G Datasheet
113Kb / 5P
NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
More results


Similar Description - PZT2222AT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
BSP19AT1 MOTOROLA-BSP19AT1 Datasheet
119Kb / 6P
SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
PZT751T1 MOTOROLA-PZT751T1 Datasheet
119Kb / 6P
SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
MOLDED PACKAGE SOT-223
logo
Diodes Incorporated
FZT1053ATA DIODES-FZT1053ATA Datasheet
209Kb / 5P
75V NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT-223
Rev 3
FZT1049A DIODES-FZT1049A_15 Datasheet
208Kb / 3P
SOT 223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JUNE 2007
logo
Stanson Technology
ST05N20 STANSON-ST05N20 Datasheet
623Kb / 6P
SOT-223 package design
logo
Shenzhen Luguang Electr...
MMBT3904N3 LUGUANG-MMBT3904N3 Datasheet
1Mb / 3P
SOT-883 General Purpose Transistor NPN Silicon Surface Mount Plastic Package
Revision:20220701-P1
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com