Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE10A Datasheet (PDF) - Motorola, Inc

P6KE10A Datasheet PDF - Motorola, Inc
Part # P6KE10A
Download  P6KE10A Download
File Size   81.42 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS

P6KE10A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE10A Datasheet PDF - Motorola, Inc

Part # P6KE10A
Download  P6KE10A Click to download

File Size   81.42 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS

P6KE10A Datasheet (HTML) - Motorola, Inc


P6KE10A Product details

The P6KE6.8A series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability, low zener impedance and fast response time. The P6KE6.8A series is supplied in Motorola’s exclusive, cost-effective, highly reliable Surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.

Specification Features:
• Standard Zener Voltage Range — 6.8 to 200 Volts
• Peak Power — 600 Watts @ 1 ms
• Maximum Clamp Voltage @ Peak Pulse Current
• Low Leakage < 5 µA Above 10 Volts
• Maximum Temperature Coefficient Specified
• UL Recognition
• Response Time is Typically < 1 ns




Similar Part No. - P6KE10A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE10A PANJIT-P6KE10A Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
STMicroelectronics
P6KE10A STMICROELECTRONICS-P6KE10A Datasheet
78Kb / 6P
UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
Nov-1998
logo
Surge Components
P6KE10A SURGE-P6KE10A Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE10A TRSYS-P6KE10A Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE10A WTE-P6KE10A Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - P6KE10A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB50AT3 MOTOROLA-1SMB50AT3 Datasheet
50Kb / 5P
PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
SA170A MOTOROLA-SA170A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMB5.0 MOTOROLA-1SMB5.0 Datasheet
230Kb / 4P
Zener Overvoltage Transient Suppressors
logo
Bourns Electronic Solut...
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
Overvoltage Protector
logo
EIC discrete Semiconduc...
SMF50A EIC-SMF50A Datasheet
140Kb / 3P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSOR
logo
Bourns Electronic Solut...
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
Overvoltage Protector
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
logo
Littelfuse
SZP6SMB LITTELFUSE-SZP6SMB Datasheet
652Kb / 7P
Surface Mount > 600W Zener Transient Overvoltage Suppressors
Revised: GD. 01/08/21
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com