Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89LV55 Datasheet (PDF) - ATMEL Corporation

89LV55 Datasheet PDF - ATMEL Corporation
Part # 89LV55
Download  89LV55 Download
File Size   595.72 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 20K Bytes Flash

89LV55 Datasheet (PDF)

Go To PDF Page Download Datasheet
89LV55 Datasheet PDF - ATMEL Corporation

Part # 89LV55
Download  89LV55 Click to download

File Size   595.72 Kbytes
Page   23 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 20K Bytes Flash

89LV55 Datasheet (HTML) - ATMEL Corporation


89LV55 Product details

Description

The AT89LV55 is a low-voltage, low-power CMOS 8-bit microcontroller with 20K bytes of Flash programmable and erasable read-only memory. The device is manufactured using Atmel’s high-density nonvolatile memory technology and is compatible with the industry-standard 80C51 instruction set and pinout.



Features

• Compatible with MCS® -51 Products

• 20K Bytes of Reprogrammable Flash Memory

– Endurance: 1,000 Write/Erase Cycles

• Fully Static Operation: 0 Hz to 12 MHz

• Three-level Program Memory Lock

• 256 x 8-bit Internal RAM

• 32 Programmable I/O Lines

• Three 16-bit Timer/Counters

• Eight Interrupt Sources

• Low-power Idle and Power-down Modes

• 2.7V to 6.0V Operating Range




Similar Part No. - 89LV55

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
89LV1632RPQE-30 MAXWELL-89LV1632RPQE-30 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
89LV1632RPQH-30 MAXWELL-89LV1632RPQH-30 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
89LV1632RPQI-30 MAXWELL-89LV1632RPQI-30 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
89LV1632RPQK-30 MAXWELL-89LV1632RPQK-30 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
More results


Similar Description - 89LV55

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C55 ATMEL-AT89C55 Datasheet
606Kb / 24P
8-Bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD Datasheet
278Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89LV55 ATMEL-AT89LV55_06 Datasheet
688Kb / 32P
8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_05 Datasheet
416Kb / 35P
8-bit Microcontroller with 20K Bytes Flash
AT87F55WD ATMEL-AT87F55WD Datasheet
234Kb / 26P
8-bit Microcontroller with 20K Bytes QuickFlash?
AT89C55WD ATMEL-AT89C55WD_02 Datasheet
293Kb / 37P
8-bit Microcontroller with 20K Bytes Flash
AT89LV55 ATMEL-AT89LV55_01 Datasheet
484Kb / 24P
8-bit Microcontroller with 20K Bytes Flash
AT89C55WD ATMEL-AT89C55WD_08 Datasheet
522Kb / 35P
8-bit Microcontroller with 20K Bytes Flash
AT87LV55 ATMEL-AT87LV55 Datasheet
374Kb / 27P
8-bit Microcontroller with 20K Bytes QuickFlash짰
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com