Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT6010-4QI Datasheet (PDF) - ATMEL Corporation

AT6010-4QI Datasheet PDF - ATMEL Corporation
Part # AT6010-4QI
Download  AT6010-4QI Download
File Size   591.97 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Coprocessor Field Programmable Gate Arrays

AT6010-4QI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT6010-4QI Datasheet PDF - ATMEL Corporation

Part # AT6010-4QI
Download  AT6010-4QI Click to download

File Size   591.97 Kbytes
Page   28 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Coprocessor Field Programmable Gate Arrays

AT6010-4QI Datasheet (HTML) - ATMEL Corporation


AT6010-4QI Product details

Description
AT6000 Series SRAM-based Field Programmable Gate Arrays (FPGAs) are ideal for use as reconfigurable coprocessors and implementing compute-intensive logic.
Supporting system speeds greater than 100 MHz and using a typical operating current of 15 to 170 mA, AT6000 Series devices are ideal for high-speed, compute-intensive designs. These FPGAs are designed to implement Cache Logic®, which provides the user with the ability to implement adaptive hardware and perform hardware acceleration.
The patented AT6000 Series architecture employs a symmetrical grid of small yet powerful cells connected to a flexible busing network. Independently controlled clocks and resets govern every column of cells. The array is surrounded by programmable I/O.
Devices range in size from 4,000 to 30,000 usable gates, and 1024 to 6400 registers. Pin locations are consistent throughout the AT6000 Series for easy design migration. High-I/O versions are available for the lower gate count devices.

Features
• High-performance
   – System Speeds > 100 MHz
   – Flip-flop Toggle Rates > 250 MHz
   – 1.2 ns/1.5 ns Input Delay
   – 3.0 ns/6.0 ns Output Delay
• Up to 204 User I/Os
• Thousands of Registers
• Cache Logic® Design
   – Complete/Partial In-System Reconfiguration
   – No Loss of Data or Machine State
   – Adaptive Hardware
• Low Voltage and Standard Voltage Operation
   – 5.0 (VCC = 4.75V to 5.25V)
   – 3.3 (VCC = 3.0V to 3.6V)
• Automatic Component Generators
   – Reusable Custom Hard Macro Functions
• Very Low-power Consumption
   – Standby Current of 500 µA/ 200 µA
   – Typical Operating Current of 15 to 170 mA
• Programmable Clock Options
   – Independently Controlled Column Clocks
   – Independently Controlled Column Resets
   – Clock Skew Less Than 1 ns Across Chip
• Independently Configurable I/O (PCI Compatible)
   – TTL/CMOS Input Thresholds
   – Open Collector/Tristate Outputs
   – Programmable Slew-rate Control
   – I/O Drive of 16 mA (combinable to 64 mA)
• Easy Migration to Atmel Gate Arrays for High Volume Production




Similar Part No. - AT6010-4QI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15M ATMEL-AT60142E-DC15M Datasheet
295Kb / 17P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15M-E ATMEL-AT60142E-DC15M-E Datasheet
295Kb / 17P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15MMQ ATMEL-AT60142E-DC15MMQ Datasheet
295Kb / 17P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142E-DC15SMV ATMEL-AT60142E-DC15SMV Datasheet
295Kb / 17P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
More results


Similar Description - AT6010-4QI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
Field-Programmable Gate Arrays
December 2000
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
Field Programmable Gate Arrays
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
XC4000XLA/XV Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
Field Programmable Gate Arrays
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com