Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1415A Datasheet (PDF) - Toshiba Semiconductor

2SD1415A Datasheet PDF - Toshiba Semiconductor
Part # 2SD1415A
Download  2SD1415A Download
File Size   156.69 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)

2SD1415A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1415A Datasheet PDF - Toshiba Semiconductor

Part # 2SD1415A
Download  2SD1415A Click to download

File Size   156.69 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)

2SD1415A Datasheet (HTML) - Toshiba Semiconductor


2SD1415A Product details

High-Power Switching Applications
Hammer Drive, Pulse Motor Drive Applications

• High DC current gain: hFE = 2000 (min) (VCE = 3 V, IC = 3 A)
• Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 3 A)




Similar Part No. - 2SD1415A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1415A TOSHIBA-2SD1415A Datasheet
183Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD1415A TOSHIBA-2SD1415A Datasheet
162Kb / 5P
High-Power Switching Applications
logo
Inchange Semiconductor ...
2SD1415A ISC-2SD1415A Datasheet
84Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1415A SAVANTIC-2SD1415A Datasheet
212Kb / 3P
Silicon NPN Power Transistors
2SD1415A SAVANTIC-2SD1415A Datasheet
213Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SD1415A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5716 TOSHIBA-2SC5716 Datasheet
137Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
logo
Panasonic Semiconductor
2SD1162 PANASONIC-2SD1162 Datasheet
36Kb / 1P
NPN SILICON TRIPLE DIFFUSED DARLINGTON TRANSISTOR
logo
Toshiba Semiconductor
2SC5859 TOSHIBA-2SC5859 Datasheet
200Kb / 5P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2131 TOSHIBA-2SD2131_06 Datasheet
148Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
2SD2604 TOSHIBA-2SD2604_06 Datasheet
141Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
2SC6041 TOSHIBA-2SC6041 Datasheet
200Kb / 5P
TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SB1682 TOSHIBA-2SB1682 Datasheet
467Kb / 5P
TOSHIBA Transistor Silicon PNP Triple Diffused Type (Darlington power transistor)
2006-11-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com