Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK210 Datasheet (PDF) - Toshiba Semiconductor

2SK210 Datasheet PDF - Toshiba Semiconductor
Part # 2SK210
Download  2SK210 Download
File Size   329.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel Junction Type

2SK210 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK210 Datasheet PDF - Toshiba Semiconductor

Part # 2SK210
Download  2SK210 Click to download

File Size   329.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel Junction Type

2SK210 Datasheet (HTML) - Toshiba Semiconductor


2SK210 Product details

FM Tuner Applications
VHF Band Amplifier Applications 

• High power gain: GPS = 24dB (typ.) (f = 100 MHz)
• Low noise figure: NF = 1.8dB (typ.) (f = 100 MHz)
• High forward transfer admittance: |Yfs| = 7 mS (typ.) (f = 1 kHz)




Similar Part No. - 2SK210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
717Kb / 6P
Silicon N Channel Junction Type FM Tuner Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
2SK210 TOSHIBA-2SK210 Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
2SK210 TOSHIBA-2SK210 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 2SK210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3320-GR TOSHIBA-2SK3320-GR Datasheet
312Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK184-GRTPE4 TOSHIBA-2SK184-GRTPE4 Datasheet
295Kb / 4P
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
logo
Unisonic Technologies
K1875 UTC-K1875 Datasheet
85Kb / 3P
FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
K4059 UTC-K4059 Datasheet
136Kb / 3P
FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
K1875 UTC-K1875_15 Datasheet
83Kb / 3P
FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
K4059 UTC-K4059_15 Datasheet
145Kb / 3P
FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
logo
Toshiba Semiconductor
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com