Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT93C66-10PI Datasheet (PDF) - ATMEL Corporation

AT93C66-10PI Datasheet PDF - ATMEL Corporation
Part # AT93C66-10PI
Download  AT93C66-10PI Download
File Size   243.13 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-wire Serial EEPROMs

AT93C66-10PI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT93C66-10PI Datasheet PDF - ATMEL Corporation

Part # AT93C66-10PI
Download  AT93C66-10PI Click to download

File Size   243.13 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-wire Serial EEPROMs

AT93C66-10PI Datasheet (HTML) - ATMEL Corporation


AT93C66-10PI Product details

Description
The AT93C46/56/57/66 provides 1024/2048/4096 bits of serial electrically erasable programmable read only memory (EEPROM) organized as 64/128/256 words of 16 bits each, when the ORG Pin is connected to VCC and 128/256/512 words of 8 bits each when it is tied to ground. The device is optimized for use in many industrial and commercial applications where low power and low voltage operations are essential

Features
• Low Voltage and Standard Voltage Operation
   – 5.0 (VCC = 4.5V to 5.5V)
   – 2.7 (VCC = 2.7V to 5.5V)
   – 2.5 (VCC = 2.5V to 5.5V)
   – 1.8 (VCC = 1.8V to 5.5V)
• User Selectable Internal Organization
   – 1K: 128 x 8 or 64 x 16
   – 2K: 256 x 8 or 128 x 16
   – 4K: 512 x 8 or 256 x 16
• 3-Wire Serial Interface
• 2 MHz Clock Rate (5V) Compatibility
• Self-Timed Write Cycle (10 ms max)
• High Reliability
   – Endurance: 1 Million Write Cycles
   – Data Retention: 100 Years
   – ESD Protection: >4000V
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin PDIP, 8-Pin JEDEC and EIAJ SOIC, and 8-Pin TSSOP Packages




Similar Part No. - AT93C66-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66-10PI ATMEL-AT93C66-10PI Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C66-10PI-1.8 ATMEL-AT93C66-10PI-1.8 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
AT93C66-10PI-2.5 ATMEL-AT93C66-10PI-2.5 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C66-10PI-2.7 ATMEL-AT93C66-10PI-2.7 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C66-10PI-2.7 ATMEL-AT93C66-10PI-2.7 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
More results


Similar Description - AT93C66-10PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
3-wire Automotive Temperature Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com