Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1072CN8 Datasheet (PDF) - Linear Technology

LT1072CN8 Datasheet PDF - Linear Technology
Part # LT1072CN8
Download  LT1072CN8 Download
File Size   206.9 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.25A High Efficiency Switching Regulator

LT1072CN8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1072CN8 Datasheet PDF - Linear Technology

Part # LT1072CN8
Download  LT1072CN8 Click to download

File Size   206.9 Kbytes
Page   16 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.25A High Efficiency Switching Regulator

LT1072CN8 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1072CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1072CN8 LINER-LT1072CN8 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
LT1072CN8 LINER-LT1072CN8 Datasheet
201Kb / 16P
1.25A High Efficiency Switching Regulator
LT1072CN8 LINER-LT1072CN8 Datasheet
191Kb / 16P
Available in MiniDiP, TO-220, and TO-3 Packages
More results


Similar Description - LT1072CN8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3972 CHERRY-CS3972 Datasheet
186Kb / 6P
1.25A High Efficiency Switching Regulator
Rev. 6/23/99
logo
Linear Technology
LT1072 LINER-LT1072 Datasheet
1,017Kb / 11P
1.25A High Efficiency Switching Regulator
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
logo
Linear Technology
LT1072 LINER-LT1072_1 Datasheet
201Kb / 16P
1.25A High Efficiency Switching Regulator
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1072 LINER-LT1072_15 Datasheet
206Kb / 16P
1.25A High Efficiency Switching Regulator
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
ON Semiconductor
CS3972 ONSEMI-CS3972 Datasheet
94Kb / 8P
1.25A High Efficiency Switching Regulator
December, 2001 - Rev. 9
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com