Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMH2A Datasheet (PDF) - Rohm

IMH2A Datasheet PDF - Rohm
Part # IMH2A
Download  IMH2A Download
File Size   681.81 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Complex Digital Transistors

IMH2A Datasheet (PDF)

Go To PDF Page Download Datasheet
IMH2A Datasheet PDF - Rohm

Part # IMH2A
Download  IMH2A Click to download

File Size   681.81 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 100mA 50V Complex Digital Transistors

IMH2A Datasheet (HTML) - Rohm


IMH2A Product details

Features
1)Two DTC144Es chips in a EMT or UMT or
   SMT package.
2)Mounting possible with EMT3 or UMT3 or
   SMT3 automatic mounting machines.
3)Transistor elements are independent,
   eliminating interference.
4)Mounting cost and area can be cut in half.

Application
   INVERTER, INTERFACE, DRIVER




Similar Part No. - IMH2A

ManufacturerPart #DatasheetDescription
logo
Rohm
IMH2A ROHM-IMH2A Datasheet
64Kb / 3P
General purpose (dual digital transistors)
IMH2A ROHM-IMH2A Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH2A ROHM-IMH2A Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH2A ROHM-IMH2A Datasheet
1Mb / 11P
General purpose (dual digital transistors)
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
More results


Similar Description - IMH2A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
PNP -100mA -50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
NPN 100mA 50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
PNP -100mA -50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
NPN 100mA 50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com