Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-819-1 Datasheet (PDF) - Lite-On Technology Corporation

LTV-819-1 Datasheet PDF - Lite-On Technology Corporation
Part # LTV-819-1
Download  LTV-819-1 Download
File Size   428.93 Kbytes
Page   13 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

LTV-819-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-819-1 Datasheet PDF - Lite-On Technology Corporation

Part # LTV-819-1
Download  LTV-819-1 Click to download

File Size   428.93 Kbytes
Page   13 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

LTV-819-1 Datasheet (HTML) - Lite-On Technology Corporation


LTV-819-1 Product details

High Density Mounting Type Photocoupler



High Density Mounting Type Photocoupler



Features

Current transfer ratio(CTR : MIN. 50% at IF=5mA, VCE=5V)

High input-output isolation voltage: (VISO : 5,000Vrms)

Compact dual-in-line package

  LTV-819-1 : 1-channel type

  LTV-819-2 : 1-channel type

  LTV-829 : 2-channel type

  LTV-849 : 4-channel type

UL approved (No. E113898)

TUV approved (No. R9653630)

CSA approved (No. CA91533-1)

FIMKO approved (No. 193422)

NEMKO approved (No. P96103013)

DEMKO approved (No. 303986)

SEMKO approved (No. 9646047/01-30)

VDE approved (No. 094722)

Options available :

 -Leads with 0.4"(10.16mm)spacing (M Type)

 -Leads bends for surface mounting(S Type)

 -Tape and Reel of Type I for SMD(Add"-TA"Suffix)

 -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)

 -VDE 0884 approvals (Add"-V"Suffix)



Applications

1. Telephone exchanges.

2. Computer terminals.

3. System appliances, measuring instruments.

4. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - LTV-819-1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-819-1 LITEON-LTV-819-1 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819-1 TENAND-LTV-819-1 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819-1M LITEON-LTV-819-1M Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819-1M TENAND-LTV-819-1M Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819-1S LITEON-LTV-819-1S Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
More results


Similar Description - LTV-819-1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com