Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7808C Datasheet (PDF) - Texas Instruments

LM7808C Datasheet PDF - Texas Instruments
Part # LM7808C
Download  LM7808C Download
File Size   3065.18 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM340-N/LM78XX Series 3-Terminal Positive Regulators

LM7808C Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7808C Datasheet PDF - Texas Instruments

Part # LM7808C
Download  LM7808C Click to download

File Size   3065.18 Kbytes
Page   28 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LM340-N/LM78XX Series 3-Terminal Positive Regulators

LM7808C Datasheet (HTML) - Texas Instruments


LM7808C Product details

FEATURES
• Complete Specifications at 1A Load
• Output Voltage Tolerances of ±2% at T₁ = 25°C
and ±4% Over the Temperature Range
(LM340A)
• Line Regulation of 0.01% of VOUT/V of AVIN at
1A Load (LM340A)
•Load Regulation of 0.3% of VouT/A (LM340A)
•Internal Thermal Overload Protection
• Internal Short-circuit Current Limit
• Output Transistor Safe Area Protection
•P* Product Enhancement Tested




Similar Part No. - LM7808C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM7808C ETC-LM7808C Datasheet
243Kb / 1P
Three-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM7808C TI1-LM7808C Datasheet
3Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7808CK NSC-LM7808CK Datasheet
303Kb / 10P
3-Terminal Positive Voltage Regulators
LM7808CMDC NSC-LM7808CMDC Datasheet
920Kb / 17P
3-Terminal Positive Regulators
LM7808CT NSC-LM7808CT Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
More results


Similar Description - LM7808C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
logo
Texas Instruments
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
LM340/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com