Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3302-18 Datasheet (PDF) - 3M Electronics

3302-18 Datasheet PDF - 3M Electronics
Part # 3302-18
Download  3302-18 Download
File Size   33.25 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 28 AWG wire on .050 inch centers permits mass termination to a broad line of IDC connectors

3302-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
3302-18 Datasheet PDF - 3M Electronics

Part # 3302-18
Download  3302-18 Click to download

File Size   33.25 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 28 AWG wire on .050 inch centers permits mass termination to a broad line of IDC connectors

3302-18 Datasheet (HTML) - 3M Electronics


3302-18 Product details

Features
■ Voltage Rating: USA: 300V Canada: 150V EU: <50V
■ Insulation Resistance: > 1 × 109 Ω/10 ft. [ 3m ] Characteristic Impedance Unbalanced: 105 Ω
■ Capacitance Unbalanced: 14.1 pF/ft. [ 46.3 pF/m ] Inductance Unbalanced: .15 µH/ft. [ 0.49 µH/m ]
■ Propagation Delay Unbalanced: 1.47 ns/ft. [ 4.82 ns/m ]
■ Velocity of Propagation Unbalanced: 69% Note: Unbalanced is measured between ground-signal-ground conductors.




Similar Part No. - 3302-18

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3302 VMI-3302 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
logo
Pomona Electronics
3302 POMONA-3302 Datasheet
28Kb / 1P
Shielded Aluminum Box, Size F With BNC Females Both Ends
logo
3M Electronics
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
logo
Bourns Electronic Solut...
3302 BOURNS-3302 Datasheet
186Kb / 1P
2 mm SMD Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
146Kb / 2P
Trimmer
More results


Similar Description - 3302-18

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
1700-10 3M-1700-10 Datasheet
1Mb / 5P
.050" 28 AWG Stranded, Mass Terminatable Pair, PVC
04-May-2009
logo
Adam Technologies, Inc.
MTD-A-XX-X-1 ADAM-TECH-MTD-A-XX-X-1 Datasheet
76Kb / 1P
IDC MASS TERMINATION HOUSING
MTD-A-XX-X-2 ADAM-TECH-MTD-A-XX-X-2 Datasheet
83Kb / 1P
IDC MASS TERMINATION HOUSING
MTD-BC-XX ADAM-TECH-MTD-BC-XX Datasheet
63Kb / 1P
IDC MASS TERMINATION HOUSING
MTD-B-XX-X-1 ADAM-TECH-MTD-B-XX-X-1 Datasheet
81Kb / 1P
IDC MASS TERMINATION HOUSING
MTD-B-XX-X-2 ADAM-TECH-MTD-B-XX-X-2 Datasheet
85Kb / 1P
IDC MASS TERMINATION HOUSING
logo
Tyco Electronics
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
Mass Termination Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
Mass Termination Assembly
logo
AVX Corporation
9175-700 AVX-9175-700 Datasheet
255Kb / 6P
Capped IDC 26-28 AWG: WTB
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com