Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L09ACD Datasheet (PDF) - Boca Semiconductor Corporation

MC78L09ACD Datasheet PDF - Boca Semiconductor Corporation
Part # MC78L09ACD
Download  MC78L09ACD Download
File Size   158.42 Kbytes
Page   7 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS

MC78L09ACD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC78L09ACD Datasheet PDF - Boca Semiconductor Corporation

Part # MC78L09ACD
Download  MC78L09ACD Click to download

File Size   158.42 Kbytes
Page   7 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS

MC78L09ACD Datasheet (HTML) - Boca Semiconductor Corporation


MC78L09ACD Product details

3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS

The MC78LXX series of fixed voltage monolithic integrated circuit voltage regulators are suitable for application that required supply up to 100mA.

FEATURES
·Maximum Output Current of 100mA
·Output Voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V and 24V
·Thermal Overload Protection
·Short Circuit Current Limiting
·Output Voltage Offered in ± 5% Tolerance




Similar Part No. - MC78L09ACD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78L09ACD MOTOROLA-MC78L09ACD Datasheet
157Kb / 8P
Three-Terminal Low Current Positive Voltage Regulators
logo
ON Semiconductor
MC78L09ACD ONSEMI-MC78L09ACD Datasheet
101Kb / 16P
Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L09ACD ONSEMI-MC78L09ACD Datasheet
125Kb / 16P
100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L09ACD2 ONSEMI-MC78L09ACD2 Datasheet
101Kb / 16P
Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
MC78L09ACDG ONSEMI-MC78L09ACDG Datasheet
101Kb / 16P
Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
More results


Similar Description - MC78L09ACD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXXA BOCA-LM79LXXA Datasheet
246Kb / 6P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM79LXX HTC-LM79LXX Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
3-Terminal 0.1A Negative Voltage Regulator
More results




About Boca Semiconductor Corporation


Boca Semiconductor Corporation was a semiconductor company based in Irvine, California, United States, that produced a wide range of semiconductor products including diodes, rectifiers, transistors, voltage regulators, and other electronic components.

The company was founded in 1965 as Boca Research, a manufacturer of laboratory equipment. In the early 1980s, the company shifted its focus to semiconductor products and changed its name to Boca Semiconductor Corporation. Boca Semiconductor was acquired by Allegro Microsystems in 2001, and the company's product lines were integrated into Allegro's semiconductor portfolio.

Boca Semiconductor had a reputation for producing high-quality, reliable products, and had a strong presence in the automotive, telecommunications, and industrial markets. The company's products were used in a wide range of applications, including power supplies, lighting, motor control, and audio amplification.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com