Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2133BA02661S Datasheet (PDF) - Spectrum Microwave, Inc.

SF2133BA02661S Datasheet PDF - Spectrum Microwave, Inc.
Part # SF2133BA02661S
Download  SF2133BA02661S Download
File Size   126.38 Kbytes
Page   3 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description 2132.5 MHz SAW Filter 45 MHz Bandwidth

SF2133BA02661S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF2133BA02661S Datasheet PDF - Spectrum Microwave, Inc.

Part # SF2133BA02661S
Download  SF2133BA02661S Click to download

File Size   126.38 Kbytes
Page   3 Pages
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.
Description 2132.5 MHz SAW Filter 45 MHz Bandwidth

SF2133BA02661S Datasheet (HTML) - Spectrum Microwave, Inc.




Similar Part No. - SF2133BA02661S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF2133BA02661S APITECH-SF2133BA02661S Datasheet
126Kb / 3P
2132.5 MHz SAW Filter 45 MHz Bandwidth
More results


Similar Description - SF2133BA02661S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
logo
TAI-SAW TECHNOLOGY CO.,...
TA0756A TAI-SAW-TA0756A Datasheet
275Kb / 8P
SAW Filter 2132.5 MHz SMD 3.0X3.0 mm
logo
RF Monolithics, Inc
SF2226E RFM-SF2226E Datasheet
806Kb / 5P
2132.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF1220BA02539S SPECTRUM-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
SF1575BA02627S SPECTRUM-SF1575BA02627S Datasheet
111Kb / 3P
1575.42 MHz SAW Filter 45 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02627S APITECH-SF1575BA02627S Datasheet
111Kb / 3P
1575.42 MHz SAW Filter 45 MHz Bandwidth
SF2133BA02661S APITECH-SF2133BA02661S Datasheet
126Kb / 3P
2132.5 MHz SAW Filter 45 MHz Bandwidth
logo
Murata Manufacturing Co...
SF2226E MURATA-SF2226E Datasheet
806Kb / 5P
2132.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TF0212A TAI-SAW-TF0212A Datasheet
1Mb / 13P
SAW DPX 1732.5/2132.5 MHz LTE Band 4 SMD 1.8X1.4 mm (BW=45 MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com