| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
ABL8RPS24030
|
74Kb / 2P |
Regulated Switch Power Supply, 1 or 2-phase, 100..500 V, 24 V, 3 A
Aug 25, 2020 |
|
ABL8RPS24050
|
77Kb / 2P |
Regulated Switch Power Supply, 1 or 2-phase, 100..500 V, 24 V, 5 A
Aug 26, 2020 |
|
ABL8RPS24100
|
81Kb / 2P |
Regulated Switch Power Supply, 1 or 2-phase, 100..500 V, 24 V, 10 A
Aug 19, 2020 |
|
ABL8MEM24012
|
124Kb / 5P |
Regulated Switch Power Supply, 1 or 2-phase, 100..240V AC, 24V, 1.2 A
JAN 07, 2021 |
|
RM22UA22MR
|
185Kb / 8P |
Harmony, Modular 1-phase overvoltage control relay, 8 A, 2 CO, 1...100 V AC/DC measurement,24...240 V AC/DC
Sep 13, 2021 |
|
RM22UA32MR
|
188Kb / 8P |
Harmony, Modular 1-phase voltage control relay, 8 A, 2 CO, 1...100 V AC/DC, 24...240 V AC/DC
Sep 13, 2021 |
|
RM35UA12MW
|
215Kb / 8P |
Harmony, Modular 1-phase voltage control relay, 5 A, 2 CO, range 1..100 V, 24..240 V AC/DC
Sep 13, 2021 |
|
ABL8REM24050
|
88Kb / 2P |
regulated power supply, Phaseo, 100 to 240 V, 24 V, 5 A
Aug 9, 2019 |
|
RM22UA22MR
|
179Kb / 7P |
Harmony, Modular 1-phase overvoltage control relay, 8 A, 2 CO, 1…100 V AC/DC measurement, 24…240 V AC/DC
Jan 12, 2022 |
|
RM22UA32MR
|
182Kb / 7P |
Harmony, Modular 1-phase voltage control relay, 8 A, 2 CO, 1…100 V AC/DC, 24…240 V AC/DC
Jan 13, 2022 |