Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA137PA Datasheet (PDF) - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
INA137PA Datasheet PDF - Burr-Brown (TI)
Part # INA137PA
Download  INA137PA Download
File Size   251.27 Kbytes
Page   9 Pages
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)
Description AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2

INA137PA Datasheet (PDF)

Go To PDF Page Download Datasheet
INA137PA Datasheet PDF - Burr-Brown (TI)

Part # INA137PA
Download  INA137PA Click to download

File Size   251.27 Kbytes
Page   9 Pages
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)
Description AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB G = 1/2 or 2

INA137PA Datasheet (HTML) - Burr-Brown (TI)




Similar Part No. - INA137PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA137PA BURR-BROWN-INA137PA Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
INA137PAG4 BURR-BROWN-INA137PAG4 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
More results


Similar Description - INA137PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA137 BURR-BROWN-INA137_07 Datasheet
254Kb / 12P
AUDIO DIFFERENTIAL LINE RECEIVERS 짹6dB (G= 1/2 or 2)
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
logo
Texas Instruments
INA2134-EP TI1-INA2134-EP Datasheet
620Kb / 18P
AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
INA134 TI1-INA134 Datasheet
1Mb / 20P
AUDIO DIFFERENTIAL LINE RECEIVERS
More results




About Burr-Brown (TI)


Burr-Brown was an American company that was founded in 1956 and specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs).
The company was known for its expertise in analog technology, high-quality products, and innovation in the field of analog ICs.
Burr-Brown's product portfolio included a wide range of analog ICs for various applications such as data conversion, amplification, power management, and more.
In 2000, Burr-Brown was acquired by Texas Instruments, a leading provider of analog and digital semiconductors.
The Burr-Brown brand is no longer in use, but its products and technology continue to be a part of Texas Instruments' portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com