Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFM204 Datasheet (PDF) - Leshan Radio Company

FFM204 Datasheet PDF - Leshan Radio Company
Part # FFM204
Download  FFM204 Download
File Size   172.28 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A

FFM204 Datasheet (PDF)

Go To PDF Page Download Datasheet
FFM204 Datasheet PDF - Leshan Radio Company

Part # FFM204
Download  FFM204 Click to download

File Size   172.28 Kbytes
Page   9 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A

FFM204 Datasheet (HTML) - Leshan Radio Company


FFM204 Product details

FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Cavity-free glass passivated junction
* Capable of meeting environmental standards of MIL-S-19500
* Fast Switching for high efficiency
* Typical IR less than 1.0µA
* High temperature soldering guaranteed: 260°C/10 seconds




Similar Part No. - FFM204

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FFM204 RECTRON-FFM204 Datasheet
24Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FFM204 FORMOSA-FFM204 Datasheet
69Kb / 2P
Fast recovery type
logo
List of Unclassifed Man...
FFM204 ETC2-FFM204 Datasheet
90Kb / 2P
Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
FFM204 WINNERJOIN-FFM204 Datasheet
90Kb / 2P
Underwriters Laboratory
logo
SUNMATE electronic Co.,...
FFM204 SUNMATE-FFM204 Datasheet
366Kb / 2P
SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
More results


Similar Description - FFM204

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S2A LRC-S2A Datasheet
291Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2A LRC-RS2A Datasheet
386Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
EFMAF210 LRC-EFMAF210 Datasheet
242Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
RS2ABF LRC-RS2ABF Datasheet
253Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMA201 LRC-FFMA201 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMA207 LRC-FFMA207 Datasheet
229Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FMAF207 LRC-FMAF207 Datasheet
251Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RS2MBF LRC-RS2MBF Datasheet
253Kb / 9P
Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
S2MBF LRC-S2MBF Datasheet
288Kb / 9P
Surface Mount Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com