Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5402G Datasheet (PDF) - Bytes

1N5402G Datasheet PDF - Bytes
Part # 1N5402G
Download  1N5402G Download
File Size   151.95 Kbytes
Page   2 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 3.0 AMP GLASS PASSIVATED RECTIFIERS

1N5402G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5402G Datasheet PDF - Bytes

Part # 1N5402G
Download  1N5402G Click to download

File Size   151.95 Kbytes
Page   2 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 3.0 AMP GLASS PASSIVATED RECTIFIERS

1N5402G Datasheet (HTML) - Bytes


1N5402G Product details

VOLTAGE RANGE 50 to 1000 Volts

CURRENT 3.0 Ampere



FEATURES

* Low forward voltage drop

* High current capability

* High reliability

* High surge current capability

* Glass passivated junction



MECHANICAL DATA

* Case: Molded plastic

* Epoxy: UL 94V-0 rate flame retardant

* Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed

* Polarity: Color band denotes cathode end

* Mounting position: Any

* Weight: 1.10 grams




Similar Part No. - 1N5402G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5402G RECTRON-1N5402G Datasheet
23Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
1N5402G JGD-1N5402G Datasheet
128Kb / 2P
3.0 AMPS.GLASS PASSIVATED RECTIFIERS
logo
Shanghai Sunrise Electr...
1N5402G SSE-1N5402G Datasheet
16Kb / 1P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Dc Components
1N5402G DCCOM-1N5402G Datasheet
411Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5402G DIODES-1N5402G Datasheet
59Kb / 2P
3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. D-2
More results


Similar Description - 1N5402G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5400G JGD-UF5400G Datasheet
165Kb / 2P
3.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
Formosa MS
1N5400G FORMOSA-1N5400G Datasheet
32Kb / 2P
3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
GFZ3A FCI-GFZ3A Datasheet
167Kb / 2P
3.0 Amp Glass Passivated Sintered Rectifiers
logo
UNIOHM CORPORATION
HER301G UNIOHM-HER301G Datasheet
69Kb / 2P
3.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
1N5400G UNIOHM-1N5400G Datasheet
67Kb / 2P
3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400G LUGUANG-1N5400G Datasheet
177Kb / 2P
3.0 AMP. Glass Passivated Rectifiers
FR301G LUGUANG-FR301G Datasheet
178Kb / 2P
3.0 AMP. Glass Passivated Fast Recovery Rectifiers
HER301G LUGUANG-HER301G Datasheet
191Kb / 2P
3.0 AMP. Glass Passivated High Efficient Rectifiers
SF31G LUGUANG-SF31G Datasheet
195Kb / 2P
3.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF31G GWSEMI-SF31G Datasheet
72Kb / 2P
3.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com