Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS0018A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TS0018A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TS0018A
Download  TS0018A Download
File Size   406.84 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 7.0x5.0 LVDS SAW Oscillator

TS0018A Datasheet (PDF)

Go To PDF Page Download Datasheet
TS0018A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TS0018A
Download  TS0018A Click to download

File Size   406.84 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SMD 7.0x5.0 LVDS SAW Oscillator

TS0018A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TS0018A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
SMD 5.0x7.0 LVPECL SAW OSCILLATOR
logo
Bothhand USA, LP.
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
logo
TAI-SAW TECHNOLOGY CO.,...
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
SMD 7.0x5.0 CMOS SAW Oscillator
TS0014A TAI-SAW-TS0014A Datasheet
383Kb / 7P
SMD 7.0x5.0 LVDS SAW Oscillator
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
SMD 7.0x5.0 LVDS SAW Oscillator
More results


Similar Description - TS0018A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
SMD 7.0x5.0 33.333MHz Crystal Oscillator
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
SMD 7.0x5.0 CMOS SAW Oscillator
TS0014A TAI-SAW-TS0014A Datasheet
383Kb / 7P
SMD 7.0x5.0 LVDS SAW Oscillator
TS0016A TAI-SAW-TS0016A Datasheet
407Kb / 8P
SMD 7.0x5.0 LVDS SAW Oscillator
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
SMD 7.0x5.0 LVDS SAW Oscillator
TS0019A TAI-SAW-TS0019A Datasheet
404Kb / 7P
SMD 7.0x5.0 LVPECL SAW OSCILLATOR
TS0021A TAI-SAW-TS0021A Datasheet
412Kb / 8P
SMD 7.0x5.0 LVDS SAW Oscillator
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
logo
Yuechung International ...
OSCLD-S7 YIC-OSCLD-S7 Datasheet
328Kb / 1P
OSCLD-S7 Series : LVDS SMD Crystal Clock Oscillator 7.0x5.0 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com