Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA51A Datasheet (PDF) - Bytes

SA51A Datasheet PDF - Bytes
Part # SA51A
Download  SA51A Download
File Size   313.64 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

SA51A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA51A Datasheet PDF - Bytes

Part # SA51A
Download  SA51A Click to download

File Size   313.64 Kbytes
Page   4 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

SA51A Datasheet (HTML) - Bytes


SA51A Product details

FEATURES
* 500 Watts Surge Capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time: Typically less than 1.0ps from 0 volt to BV min.
* Typical IR less than 1mA above 10V
* High temperature soldering guaranteed: 260 °C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension




Similar Part No. - SA51A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA51A MOTOROLA-SA51A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA51A PANJIT-SA51A Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA51A WTE-SA51A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA51A DCCOM-SA51A Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA51A DIODES-SA51A Datasheet
66Kb / 3P
500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
More results


Similar Description - SA51A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
500 Watt Peak Power Zener Transient Voltage Suppressors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com