Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PACR6G Datasheet (PDF) - California Micro Devices Corp

PACR6G Datasheet PDF - California Micro Devices Corp
Part # PACR6G
Download  PACR6G Download
File Size   99.83 Kbytes
Page   3 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description EMI/RFIT-FILTER

PACR6G Datasheet (PDF)

Go To PDF Page Download Datasheet
PACR6G Datasheet PDF - California Micro Devices Corp

Part # PACR6G
Download  PACR6G Click to download

File Size   99.83 Kbytes
Page   3 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description EMI/RFIT-FILTER

PACR6G Datasheet (HTML) - California Micro Devices Corp


PACR6G Product details

Product Description
High speed microprocessors like Intel’s Pentium® Pro Processor, demand unique, high speed bus termination schemes. The PACR6G series network provides 18 terminations per package. Four termination resistor values are available. The 47, 50 and 56 ohm terminations are suitable for use with the Intel server chip set and the 68 ohm termination is suitable for use with the Intel desktop chip set. The tight resistor tolerance minimizes noise contribution from termination mismatching.

Features
• Highly integrated bus termination network
• 1% absolute tolerance terminations
• Ultra-low crosstalk
• 18 terminating lines in QSOP package
• Saves board space and improves system reliability
• Reduces assembly cost and rework

Applications
• Pentium® Pro servers & desktop systems
• Engineering workstations
• Embedded processor systems
• GTL, ECL, NTL, HSTL terminator




Similar Part No. - PACR6G

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
HIGH PERFORMANCE BUS TERMINATION NETWORK
PACRAMBUS-1 CALMIRCO-PACRAMBUS-1 Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRAMBUS-1/R CALMIRCO-PACRAMBUS-1/R Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRAMBUS-1/T CALMIRCO-PACRAMBUS-1/T Datasheet
117Kb / 3P
HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PACRG CALMIRCO-PACRG Datasheet
88Kb / 3P
P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
More results


Similar Description - PACR6G

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC200 CALMIRCO-PRC200 Datasheet
44Kb / 2P
EMI/RFIT-FILTER
logo
XFMRS Inc.
XFWCMC636347-R22 XFMRS-XFWCMC636347-R22 Datasheet
41Kb / 1P
EMI filter
logo
Qualtek Electronics Cor...
849-06-002 QUALTEK-849-06-002 Datasheet
246Kb / 1P
EMI FILTER
851-03004 QUALTEK-851-03004 Datasheet
254Kb / 1P
EMI FILTER
851-05005 QUALTEK-851-05005 Datasheet
239Kb / 1P
EMI FILTER
851-10007 QUALTEK-851-10007 Datasheet
238Kb / 1P
EMI FILTER
858-06011 QUALTEK-858-06011 Datasheet
263Kb / 1P
EMI FILTER
858-10022 QUALTEK-858-10022 Datasheet
253Kb / 1P
EMI FILTER
860-10024 QUALTEK-860-10024 Datasheet
252Kb / 1P
EMI FILTER
862-06002 QUALTEK-862-06002 Datasheet
260Kb / 1P
EMI FILTER
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com