Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFL024N Datasheet (PDF) - International Rectifier

AUIRFL024N Datasheet PDF - International Rectifier
Part # AUIRFL024N
Download  AUIRFL024N Download
File Size   190.25 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Planar Technology Low On-Resistance

AUIRFL024N Datasheet (PDF)

Go To PDF Page Download Datasheet
AUIRFL024N Datasheet PDF - International Rectifier

Part # AUIRFL024N
Download  AUIRFL024N Click to download

File Size   190.25 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Advanced Planar Technology Low On-Resistance

AUIRFL024N Datasheet (HTML) - International Rectifier


AUIRFL024N Product details

V(BR)DSS 55V

RDS(on) max. 75mΩ

ID 2.8A



Description

Specifically designed for Automotive applications, this cellular design of HEXFET® Power MOSFETs utilizes the latest processing techniques to achieve low on resistance per silicon area. This benefit combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in Automotive and a wide variety of other applications.



Features

• Advanced Planar Technology

• Low On-Resistance

• Dynamic dV/dT Rating

• 150°C Operating Temperature

• Fast Switching

• Fully Avalanche Rated

• Repetitive Avalanche Allowed up to Tjmax

• Lead-Free, RoHS Compliant

• Automotive Qualified*




Similar Part No. - AUIRFL024N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
More results


Similar Description - AUIRFL024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
Advanced Planar Technology Low On-Resistance
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
Advanced Planar Technology, Low On-Resistance
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
Advanced Planar Technology Low On-Resistance
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com