Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-073A Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-073A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-073A
Download  HCPL-073A Download
File Size   446.55 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Very Low Power Consumption High Gain Optocouplers

HCPL-073A Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-073A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-073A
Download  HCPL-073A Click to download

File Size   446.55 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Very Low Power Consumption High Gain Optocouplers

HCPL-073A Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-073A Product details

Description
These devices are very low power consumption, high gain single and dual channel optocouplers. The HCPL-4701 represents the single channel 8-Pin DIP configuration and is pin compatible with the industry standard 6N139. The HCPL-4731 represents the dual channel 8-Pin DIP configuration and is pin compatible with the popular standard HCPL-2731. The HCPL-070A and HCPL-073A are the equivalent single and dual channel products in an SO-8 footprint. Each channel can be driven with an input current as low as 40 µA and has a typical current transfer ratio of 3500%.

Features
• Ultra low input current capability - 40 µA
• Specified for 3 V operation
    Typical power consumption: <1 mW
    Input power: <50 µW
    Output power: <500 µW
• Will operate with VCC as low as 1.6 V
• High current transfer ratio: 3500% at IF = 40 µA
• TTL and CMOS compatible output
• Specified ac and dc performance over temperature: 0°C to 70°C
• Safety approval:
    UL recognized – 3750 V rms for 1 minute and 5000 V rms* for 1 minute per UL1577
    CSA approved
    IEC/EN/DIN EN 60747-5-2 approved with VIORM = 630 V peak (Option 060) for HCPL-4701
• 8-pin product compatible with 6N138/6N139 and HCPL-2730/HCPL-2731
• Available in 8-Pin DIP and SOIC-8 footprint
• Through hole and surface mount assembly available

Applications
• Battery operated applications
• ISDN telephone interface
• Ground isolation between logic families – TTL, LSTTL, CMOS, HCMOS, HL-CMOS, LV-HCMOS
• Low input current line receiver
• EIA RS-232C line receiver
• Telephone ring detector
• AC line voltage status indicator – low input power dissipation
• Low power systems – ground isolation
• Portable system I/O interface




Similar Part No. - HCPL-073A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-073A HP-HCPL-073A Datasheet
298Kb / 16P
Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A AVAGO-HCPL-073A Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-073A BOARDCOM-HCPL-073A Datasheet
909Kb / 19P
Very Low Power Consumption High-Gain Optocouplers
May 4, 2022
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
More results


Similar Description - HCPL-073A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
Low Input Current, High Gain Optocouplers
HCPL47XX HP-HCPL47XX Datasheet
298Kb / 16P
Very Low Power Consumption High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-070A-000E AVAGO-HCPL-070A-000E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
HCPL-073A-500E AVAGO-HCPL-073A-500E Datasheet
446Kb / 17P
Very Low Power Consumption High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
logo
ATMEL Corporation
M65608E ATMEL-M65608E_14 Datasheet
884Kb / 16P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
355Kb / 3P
Very Low Power Consumption
AT60142F ATMEL-AT60142F_14 Datasheet
68Kb / 3P
Very Low Power Consumption
AT60142FT ATMEL-AT60142FT_14 Datasheet
357Kb / 14P
Very Low Power Consumption
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com