Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AATIAN25 Datasheet (PDF) - SiGe Semiconductor, Inc.

AATIAN25 Datasheet PDF - SiGe Semiconductor, Inc.
Part # AATIAN25
Download  AATIAN25 Download
File Size   121.07 Kbytes
Page   5 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 850kHz 700mA Buck Regulator

AATIAN25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AATIAN25 Datasheet PDF - SiGe Semiconductor, Inc.

Part # AATIAN25
Download  AATIAN25 Click to download

File Size   121.07 Kbytes
Page   5 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 850kHz 700mA Buck Regulator

AATIAN25 Datasheet (HTML) - SiGe Semiconductor, Inc.




Similar Part No. - AATIAN25

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN22 SIGE-AATIAN22 Datasheet
850Kb / 11P
3MHz Fast Transient 400mA Step-Down Converter
AATIAN23 SIGE-AATIAN23 Datasheet
237Kb / 4P
1A Buck DC/DC Switch Mode Regulator
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
850kHz 700mA Buck Regulator
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
850kHz 1A Buck Regulator
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
1MHz 3A Buck DC/DC Switch Mode Regulator
More results


Similar Description - AATIAN25

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
850kHz 1A Synchronous Buck DC/DC Converter
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
850kHz 700mA Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
850kHz 1A Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
850kHz 700mA Synchronous Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
850kHz 700mA Buck Regulator
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
850kHz 1A Buck Regulator
logo
Semtech Corporation
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
HM8119 HMSEMI-HM8119 Datasheet
1Mb / 13P
Standoff 55V 500mA 850KHz Sync Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com