Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV256 Datasheet (PDF) - Catalyst Semiconductor

CAT28LV256 Datasheet PDF - Catalyst Semiconductor
Part # CAT28LV256
Download  CAT28LV256 Download
File Size   53.34 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 256K-Bit CMOS PARALLEL E2PROM

CAT28LV256 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28LV256 Datasheet PDF - Catalyst Semiconductor

Part # CAT28LV256
Download  CAT28LV256 Click to download

File Size   53.34 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 256K-Bit CMOS PARALLEL E2PROM

CAT28LV256 Datasheet (HTML) - Catalyst Semiconductor


CAT28LV256 Product details

DESCRIPTION
The CAT28LV256 is a fast, low power, low voltage CMOS Parallel E2PROM organized as 32K x 8-bits. It requires a simple interface for in-system programming.

FEATURES
■ 3.0V to 3.6V Supply
■ Read Access Times: 200/250/300 ns
■ Low Power CMOS Dissipation:
    – Active: 15 mA Max.
    – Standby: 150 µA Max.
■ Simple Write Operation:
    – On-Chip Address and Data Latches
    – Self-Timed Write Cycle with Auto-Clear
■ Fast Write Cycle Time:
    – 10ms Max.
■ Commercial, Industrial and Automotive Temperature Ranges
■ CMOS and TTL Compatible I/O
■ Automatic Page Write Operation:
    – 1 to 64 Bytes in 10ms
    – Page Load Timer
■ End of Write Detection:
    – Toggle Bit
    – DATA Polling
■ Hardware and Software Write Protection
■ 100,000 Program/Erase Cycles
■ 100 Year Data Retention




Similar Part No. - CAT28LV256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV256 CATALYST-CAT28LV256 Datasheet
68Kb / 12P
256K-Bit CMOS PARALLEL E2PROM
logo
ON Semiconductor
CAT28LV256 ONSEMI-CAT28LV256 Datasheet
81Kb / 12P
256K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1071, Rev. E
logo
Catalyst Semiconductor
CAT28LV256G-20T CATALYST-CAT28LV256G-20T Datasheet
68Kb / 12P
256K-Bit CMOS PARALLEL E2PROM
CAT28LV256G-25T CATALYST-CAT28LV256G-25T Datasheet
68Kb / 12P
256K-Bit CMOS PARALLEL E2PROM
CAT28LV256G-30T CATALYST-CAT28LV256G-30T Datasheet
68Kb / 12P
256K-Bit CMOS PARALLEL E2PROM
More results


Similar Description - CAT28LV256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
512K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
256K-Bit CMOS PARALLEL E2PROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com