Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2800 Datasheet (PDF) - International Rectifier

S2800 Datasheet PDF - International Rectifier
Part # S2800
Download  S2800 Download
File Size   138.16 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER

S2800 Datasheet (PDF)

Go To PDF Page Download Datasheet
S2800 Datasheet PDF - International Rectifier

Part # S2800
Download  S2800 Click to download

File Size   138.16 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER

S2800 Datasheet (HTML) - International Rectifier


S2800 Product details

Description
The S-Series of DC-DC converters are low power radiation hardened, high reliability devices designed for hostile radiation environments such as those encountered by geostationary earth orbit satellites, deep space probes and communication systems. Features include small size, high efficiency, low weight and a high tolerance to total ionizing dose, single event effects, and environmental stresses such as temperature extremes, mechanical shock, and vibration. Extensive documentation including Radiation Susceptibility, Thermal Analysis, Stress Analysis and MTBF are available.

Features
■ Total Dose >100K Rad(Si)
■ SEE Hardened to LET up to 82 MeV.cm2/mg
■ Low Weight < 50 grams
■ Magnetically Coupled Feedback
■ 18V to 40V DC Input Range
■ Up to 10W Output Power
■ Single and Dual Output Models Include 3.3, 5, 7,12,15, ±5, ±12 and ±15V
■ High Efficiency - to 82%
■ -55°C to +125°C Operating Temperature Range
■ 100MΩ @ 500VDC Isolation
■ Under-Voltage Protection
■ Short Circuit and Overload Protection
■ Output Over Voltage Limiter
■ External Inhibit
■ Standard Microcircuit Drawings Available

Applications
■ Geostationary or Low Earth Orbit Satellites
■ Launch Vehicles
■ Communication Systems




Similar Part No. - S2800

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
GE Solid State
S2800 GESS-S2800 Datasheet
191Kb / 4P
10-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
S2800 DIGITRON-S2800 Datasheet
162Kb / 3P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
S2800 NJSEMI-S2800 Datasheet
90Kb / 2P
Silicon Controlled Rectifiers
logo
International Rectifier
S2800 IRF-S2800 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results


Similar Description - S2800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com