Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1205-1 Datasheet (PDF) - 3M Electronics

1205-1 Datasheet PDF - 3M Electronics
Part # 1205-1
Download  1205-1 Download
File Size   24.4 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Polyimide Film Electrical Tape 1205

1205-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1205-1 Datasheet PDF - 3M Electronics

Part # 1205-1
Download  1205-1 Click to download

File Size   24.4 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Polyimide Film Electrical Tape 1205

1205-1 Datasheet (HTML) - 3M Electronics


1205-1 Product details

Description
3M™ Polyimide Film Electrical Tape 1205 is a 1-mil polyimide film backing with acrylic adhesive. Its acrylic pressure-sensitive adhesive allows it to be used at 311ºF (155ºC), and it is UL 510 Flame Retardant. Like most insulated tapes, form 3M, Tape 1205 is available in standard and custom widths and lengths. The standard length is 36 yards, and can be cut to widths ranging from 1/4” to 23”. Longer lengths up to several times normal length are possible, dependent upon width. Check with Customer Service. Agency Approvals & Self Certifications UL recognized component listing not to exceed 155°C (311°F), Meets flame retardant requirements of UL510, Product Category OANZ2, and 3M File No. E17385 UL File Number E17385 A and B, Guide OANZ2. Underwriters Laboratories (UL) recognized products have been evaluated for use as components of end-product equipment that is listed or classified by UL. To achieve Underwriters Laboratories recognition, component construction must meet UL specifications and conditions of acceptability for proper and safe use of the component or product. Product Category OANZ2, File E17385 RoHS 2011/65/EC "RoHS 2011/65/EU" means that the product or part does not contain any of the substances in excess of the maximum concentration values (“MCVs”) in EU RoHS Directive 2011/65/EU. The MCVs are by weight in homogeneous materials. This information represents 3M's knowledge and belief, which may be based in whole or in part on information provided by third party suppliers to 3M

Applications
■ Tape 1205 is used for high temperature electrical applications in which a tough, thin insulating material is required for wrapping coils, transformers, capacitors, wire harnesses, and for anchoring leads / terminal boards. It also is used in printed circuit board assembly as a wave solder masking tape. Specifications Tape 1205 is a polyimide film with thermosetting acrylic pressure-sensitive adhesive. The tape shall be coated on one side with pressure-sensitive adhesive, which shall not require heat, moisture or other preparation prior to or subsequent to application. The adhesive coating shall be smooth and uniform and be free of lumps and bare spots. There shall be no separator between adjacent layers of the roll. The tape shall perform at a temperature of -40°F (-40°C) to 311°F (155°C) without substantial loss of tensile or electrical properties




Similar Part No. - 1205-1

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
1205-103-9 WINCHESTER-1205-103-9 Datasheet
110Kb / 1P
NORTHROP GRUMMAN TYPE N STRAIGHT CABLE PLUG CRIMP ATTACHMENT
1205-104-3 WINCHESTER-1205-104-3 Datasheet
68Kb / 1P
N, PLUG
1205-19-5 WINCHESTER-1205-19-5 Datasheet
929Kb / 2P
FOR USE WITH M17/028-RG058 CABLE
logo
3M Electronics
1205-1X36YD 3M-1205-1X36YD Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
More results


Similar Description - 1205-1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
5419 3M-5419 Datasheet
112Kb / 3P
Low Static Polyimide Film Tape 5419
Sep-2010
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
8998 3M-8998 Datasheet
124Kb / 5P
3M??Polyimide Tape 8998
5498 3M-5498 Datasheet
131Kb / 5P
3M™ PTFE Film Tape 5498
Nov-2015
1205 3M-1205 Datasheet
24Kb / 2P
3M™ Polyimide Film Electrical Tape 1205
605 3M-605 Datasheet
571Kb / 5P
3M??Scotch짰 Transparent Film Tape
1218 3M-1218 Datasheet
536Kb / 2P
Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
7419 3M-7419 Datasheet
141Kb / 3P
Low Static Polyimide Film Tape 7419
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com