Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8150S Datasheet (PDF) - Sanken electric

SI-8150S Datasheet PDF - Sanken electric
Part # SI-8150S
Download  SI-8150S Download
File Size   61.06 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Full-Mold, Separate Excitation Step-down Switching Mode

SI-8150S Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-8150S Datasheet PDF - Sanken electric

Part # SI-8150S
Download  SI-8150S Click to download

File Size   61.06 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Full-Mold, Separate Excitation Step-down Switching Mode

SI-8150S Datasheet (HTML) - Sanken electric


SI-8150S Product details

DC/DC Converter ICs



■ Features

• Compact full-mold package (equivalent to TO220)

• Output current: 3.0A

• High efficiency: 79 to 91%

• Requires only 4 discrete components

• Internally-adjusted phase correction and output voltage

• Built-in reference oscillator (60kHz)

• Built-in overcurrent and thermal protection circuits

• Built-in soft start circuit (Output ON/OFF available)



■ Applications

• Power supplies for telecommunication equipment

• Onboard local power supplies



 




Similar Part No. - SI-8150S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8150S SANKEN-SI-8150S Datasheet
63Kb / 6P
Full-Mold, Separate Excitation Switching Type
More results


Similar Description - SI-8150S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050HFE SANKEN-SI-8050HFE Datasheet
59Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com