Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA5600 Datasheet (PDF) - Motorola, Inc

TCA5600 Datasheet PDF - Motorola, Inc
Part # TCA5600
Download  TCA5600 Download
File Size   206.75 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS

TCA5600 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA5600 Datasheet PDF - Motorola, Inc

Part # TCA5600
Download  TCA5600 Click to download

File Size   206.75 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS

TCA5600 Datasheet (HTML) - Motorola, Inc


TCA5600 Product details

Universal Microprocessor Power Supply/Controllers

The TCA5600, TCF5600 are versatile power supply control circuits for microprocessor based systems and are mainly intended for automotive applications and battery powered instruments. To cover a wide range of applications, the devices offer high circuit flexibility with a minimum of external components.
Functions included in this IC are a temperature compensated voltage reference, on–chip dc/dc converter, programmable and remote controlled voltage regulator, fixed 5.0 V supply voltage regulator with external PNP power device, undervoltage detection circuit, power–on RESET delay and watchdog feature for safe and hazard free microprocessor operations.

• 6.0 V to 30 V Operation Range
• 2.5 V Reference Voltage Accessible for Other Tasks
• Fixed 5.0 V ± 4% Microprocessor Supply Regulator Including Current
   Limitation, Overvoltage Protection and Undervoltage Monitor.
• Programmable 6.0 V to 30 V Voltage Regulator Exhibiting High Peak
   Current (150mA), Current Limiting and Thermal Protection.
• Two Remote Inputs to Select the Regulator’s Operation Mode:
   OFF = 5.0 V, 5.0 V Standby
   Programmable Output Voltage
• Self–Contained dc/dc Converter Fully Controlled by the Programmable
   Regulator to Guarantee Safe Operation Under All Working Conditions
• Programmable Power–On RESET Delay
• Watchdog Select Input
• Negative Edge Triggered Watchdog Input
• Low Current Consumption in the VCC1 Standby Mode
• All Digital Control Ports are TTL and MOS–Compatible

Applications Include:
• Microprocessor Systems with E2PROMs
• High Voltage Crystal and Plasma Displays
• Decentralized Power Supplies in Computer Telecom Systems




Similar Part No. - TCA5600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
TCA5013ZAHR TI1-TCA5013ZAHR Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
logo
Siemens Semiconductor G...
TCA505B SIEMENS-TCA505B Datasheet
836Kb / 18P
IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505B SIEMENS-TCA505B Datasheet
995Kb / 18P
IC for Inductive Proximity Switches with Short-Circuit Protection
TCA505BG SIEMENS-TCA505BG Datasheet
836Kb / 18P
IC for Inductive Proximity Switches with Short-Circuit Protection
More results


Similar Description - TCA5600

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
Microprocessor Power Supply System
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
LM2984C Microprocessor Power Supply System
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
WIDE-RANGE POWER-SUPPLY CONTROLLERS
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
Microprocessor-Controlled Audio Power Supply
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
Resonant-Mode Power Supply Controllers
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
Resonant-Mode Power Supply Controllers
logo
Texas Instruments
TL496C TI-TL496C Datasheet
105Kb / 7P
9-V POWER-SUPPLY CONTROLLERS
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
logo
High Voltage Power Solu...
SPL-I-AC-30N50 HVPSI-SPL-I-AC-30N50 Datasheet
352Kb / 2P
Microprocessor-Controlled Industrial Power Supply
logo
Texas Instruments
UC1861 TI1-UC1861_16 Datasheet
3Mb / 15P
Resonant-Mod Power Supply Controllers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com