Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD420AR-32 Datasheet (PDF) - Analog Devices

AD420AR-32 Datasheet PDF - Analog Devices
Part # AD420AR-32
Download  AD420AR-32 Download
File Size   303.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC

AD420AR-32 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD420AR-32 Datasheet PDF - Analog Devices

Part # AD420AR-32
Download  AD420AR-32 Click to download

File Size   303.16 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC

AD420AR-32 Datasheet (HTML) - Analog Devices


AD420AR-32 Product details

GENERAL DESCRIPTION
The AD420 is a complete digital to current loop output converter, designed to meet the needs of the industrial control market. It provides a high precision, fully integrated, low cost single-chip solution for generating current loop signals in a compact 24-lead SOIC or PDIP package.
   
FEATURES
    4 mA–20 mA, 0 mA–20 mA or 0 mA–24 mA
        current output
    16-bit resolution and monotonicity
    ±0.012% max integral nonlinearity
    ±0.05% max offset (trimmable)
    ±0.15% max total output error (trimmable)
    Flexible serial digital interface (3.3 MBPS)
    On-Chip loop fault detection
    On-chip 5 V reference (25 ppm/°C max)
    Asynchronous CLEAR function
    Maximum power supply range of 32 V
    Output loop compliance of 0 V to VCC − 2.75 V
    24-Lead SOIC and PDIP packages
   




Similar Part No. - AD420AR-32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420AR-32 AD-AD420AR-32 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
AD420AR-32 AD-AD420AR-32 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420AR-32-REEL AD-AD420AR-32-REEL Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Similar Description - AD420AR-32

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
AD694 AD-AD694_02 Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD420 AD-AD420_11 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694 AD-AD694 Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
4??0 mA Transmitter
REV. B
AD420 AD-AD420_15 Datasheet
303Kb / 16P
Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com