Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3033KS Datasheet (PDF) - Sanken electric

SI-3033KS Datasheet PDF - Sanken electric
Part # SI-3033KS
Download  SI-3033KS Download
File Size   56.95 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Low Current Consumption, Low Dropout Voltage

SI-3033KS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3033KS Datasheet PDF - Sanken electric

Part # SI-3033KS
Download  SI-3033KS Click to download

File Size   56.95 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Surface-Mount, Low Current Consumption, Low Dropout Voltage

SI-3033KS Datasheet (HTML) - Sanken electric


SI-3033KS Product details

■ Features
• Compact surface-mount package (SOP8)
• Output current: 1.0 A
• Compatible with low ESR capacitor
• Low circuit current at output OFF Iq ≤ 350 µA (IO = 0 A, VC = 2 V)
• Low current consumption Iq (OFF) ≤ 1 µA (VC = 0 V)
• Low dropout voltage VDIF ≤ 0.6 V (IO = 1 A)
• 3 types of output voltages (2.5 V, 3.3 V, and variable type) available
• Output ON/OFF control terminal voltage compatible with LS-TTL
• Built-in drooping-type-overcurrent and thermal protection circuits

■ Applications
• Local power supplies
• Battery-driven electronic equipment




Similar Part No. - SI-3033KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3033KS ETC-SI-3033KS Datasheet
92Kb / 7P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3033KS ALLEGRO-SI-3033KS Datasheet
97Kb / 6P
Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3033KS SANKEN-SI-3033KS Datasheet
97Kb / 6P
Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3033KS SANKEN-SI-3033KS Datasheet
82Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Similar Description - SI-3033KS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000LLSL SANKEN-SI-3000LLSL_11 Datasheet
70Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012LU SANKEN-SI-3012LU Datasheet
52Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3018LSA SANKEN-SI-3018LSA Datasheet
53Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050LSA SANKEN-SI-3050LSA Datasheet
53Kb / 2P
Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com