| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
2N7002BKS
|
384Kb / 16P |
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010 |
|
BSS138PS
|
374Kb / 16P |
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010 |
|
BSS138BKS
|
861Kb / 18P |
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011 |
|
2N7002BKV
|
379Kb / 16P |
60 V, 340 mA dual N-channel Trench MOSFET
Rev. 2-22 September 2010 |
|
2N7002BKS
|
384Kb / 16P |
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2-23 September 2010 |
|
BSS138BKS
|
888Kb / 17P |
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011 |
|
BSS138PS
|
374Kb / 16P |
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010 |
 Nexperia B.V. All right... |
2N7002BKS
|
931Kb / 16P |
60 V, 300 mA dual N-channel Trench MOSFET
Rev. 2 - 23 September 2010 |
|
BSS138BKS
|
1Mb / 17P |
60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 12 August 2011 |
|
2N7002BKV
|
281Kb / 14P |
60 V, 340 mA dual N-channel Trench MOSFET
28 December 2022 |