Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI5772 Datasheet (PDF) - National Instruments Corporation

NI5772 Datasheet PDF - National Instruments Corporation
Part # NI5772
Download  NI5772 Download
File Size   3199.72 Kbytes
Page   24 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 1.5 GHz analog Sampling rates of 5 GS/s

NI5772 Datasheet (PDF)

Go To PDF Page Download Datasheet
NI5772 Datasheet PDF - National Instruments Corporation

Part # NI5772
Download  NI5772 Click to download

File Size   3199.72 Kbytes
Page   24 Pages
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation
Description 1.5 GHz analog Sampling rates of 5 GS/s

NI5772 Datasheet (HTML) - National Instruments Corporation




Similar Part No. - NI5772

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5751 NI-NI5751 Datasheet
548Kb / 14P
16-Channel, 50 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
NI5761 NI-NI5761 Datasheet
495Kb / 14P
250 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
More results


Similar Description - NI5772

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Exar Corporation
XRDAN29 EXAR-XRDAN29 Datasheet
55Kb / 2P
Criteria for Accurate Sampling of Analog Signals
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Synaptics Incorporated.
CX20665 CONEXANT-CX20665 Datasheet
684Kb / 2P
Sampling rates include 16-bit, 44.1
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Teledyne Technologies I...
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
Surface Mount Analog Level Detector 1.5 to 6.0 GHz
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
5-18 GHz Analog Phase Shifter
August 23, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com