Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE40 Datasheet (PDF) - Altera Corporation

EP4CE40 Datasheet PDF - Altera Corporation
Part # EP4CE40
Download  EP4CE40 Download
File Size   498.18 Kbytes
Page   14 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description 1. Cyclone IV FPGA Device Family Overview

EP4CE40 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP4CE40 Datasheet PDF - Altera Corporation

Part # EP4CE40
Download  EP4CE40 Click to download

File Size   498.18 Kbytes
Page   14 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description 1. Cyclone IV FPGA Device Family Overview

EP4CE40 Datasheet (HTML) - Altera Corporation


EP4CE40 Product details

Altera’s new Cyclone® IV FPGA device family extends the Cyclone FPGA series leadership in providing the market’s lowest-cost, lowest-power FPGAs, now with a transceiver variant. Cyclone IV devices are targeted to high-volume, cost-sensitive applications, enabling system designers to meet increasing bandwidth requirements while lowering costs.

Cyclone IV Device Family Features
The Cyclone IV device family offers the following features:
■ Low-cost, low-power FPGA fabric:
    ■ 6K to 150K logic elements
    ■ Up to 6.3 Mb of embedded memory
    ■ Up to 360 18 × 18 multipliers for DSP processing intensive applications
    ■ Protocol bridging applications for under 1.5 W total power
■ Cyclone IV GX devices offer up to eight high-speed transceivers that provide:
    ■ Data rates up to 3.125 Gbps
    ■ 8B/10B encoder/decoder
    ■ 8-bit or 10-bit physical media attachment (PMA) to physical coding sublayer (PCS) interface
    ■ Byte serializer/deserializer (SERDES)
    ■ Word aligner
    ■ Rate matching FIFO
    ■ TX bit slipper for Common Public Radio Interface (CPRI)
    ■ Electrical idle
    ■ Dynamic channel reconfiguration allowing you to change data rates andprotocols on-the-fly
    ■ Static equalization and pre-emphasis for superior signal integrity
    ■ 150 mW per channel power consumption
    ■ Flexible clocking structure to support multiple protocols in a single transceiver block
■ Cyclone IV GX devices offer dedicated hard IP for PCI Express (PIPE) (PCIe) Gen 1:
    ■ ×1, ×2, and ×4 lane configurations
    ■ End-point and root-port configurations
    ■ Up to 256-byte payload
    ■ One virtual channel
    ■ 2 KB retry buffer
    ■ 4 KB receiver (Rx) buffer
■ Cyclone IV GX devices offer a wide range of protocol support:
    ■ PCIe (PIPE) Gen 1 ×1, ×2, and ×4 (2.5 Gbps)
    ■ Gigabit Ethernet (1.25 Gbps)
    ■ CPRI (up to 3.072 Gbps)
    ■ XAUI (3.125 Gbps)
    ■ Triple rate serial digital interface (SDI) (up to 2.97 Gbps)
    ■ Serial RapidIO (3.125 Gbps)
    ■ Basic mode (up to 3.125 Gbps)
    ■ V-by-One (up to 3.0 Gbps)
    ■ DisplayPort (2.7 Gbps)
    ■ Serial Advanced Technology Attachment (SATA) (up to 3.0 Gbps)
    ■ OBSAI (up to 3.072 Gbps)
■ Up to 532 user I/Os
    ■ LVDS interfaces up to 840 Mbps transmitter (Tx), 875 Mbps Rx
    ■ Support for DDR2 SDRAM interfaces up to 200 MHz
    ■ Support for QDRII SRAM and DDR SDRAM up to 167 MHz
■ Up to eight phase-locked loops (PLLs) per device
■ Offered in commercial and industrial temperature grades




Similar Part No. - EP4CE40

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE40 ALTERA-EP4CE40 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE40 ALTERA-EP4CE40 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE40 ALTERA-EP4CE40 Datasheet
678Kb / 42P
Cyclone IV Device Datasheet
EP4CE40 ALTERA-EP4CE40 Datasheet
678Kb / 42P
Cyclone IV Device Datasheet
EP4CE40 ALTERA-EP4CE40 Datasheet
16Mb / 488P
Cyclone IV Device Handbook, Volume 1
More results


Similar Description - EP4CE40

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
1. Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
Cyclone IV FPGA Device Faily Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com