Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3157 Datasheet (PDF) - Digitron Semiconductors

1N3157 Datasheet PDF - Digitron Semiconductors
Part # 1N3157
Download  1N3157 Download
File Size   171.72 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description TEMPERATURE COMPENSATED ZENER DIODES

1N3157 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3157 Datasheet PDF - Digitron Semiconductors

Part # 1N3157
Download  1N3157 Click to download

File Size   171.72 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description TEMPERATURE COMPENSATED ZENER DIODES

1N3157 Datasheet (HTML) - Digitron Semiconductors


1N3157 Product details

MAXIMUM RATINGS
    Operating Temperature -65 to +175°C
    Storage Temperature -65 to +175°C
    DC Power Dissipation 500 mW @ 50۠°C
    Power Derating 4 mW/°C above 50°C
    Reverse Leakage Current IR = 10µA @ 25°C & VR = 5.5 Vdc




Similar Part No. - 1N3157

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3157 CDI-DIODE-1N3157 Datasheet
96Kb / 2P
8.4 V0LT NOMINAL ZENER VOLTAGE
logo
Microsemi Corporation
1N3157 MICROSEMI-1N3157 Datasheet
72Kb / 2P
8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3157 MICROSEMI-1N3157 Datasheet
107Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3157 MICROSEMI-1N3157 Datasheet
137Kb / 3P
8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N3157 NJSEMI-1N3157 Datasheet
109Kb / 1P
ZENER VOLTAGE 8.4V
More results


Similar Description - 1N3157

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
logo
Microsemi Corporation
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821UR-1 MICROSEMI-1N821UR-1 Datasheet
356Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
temperature compensated zener diodes
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com