Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20N15V Datasheet (PDF) - Unisonic Technologies

20N15V Datasheet PDF - Unisonic Technologies
Part # 20N15V
Download  20N15V Download
File Size   144.68 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 150V N-CHANNEL POWER MOSFET

20N15V Datasheet (PDF)

Go To PDF Page Download Datasheet
20N15V Datasheet PDF - Unisonic Technologies

Part # 20N15V
Download  20N15V Click to download

File Size   144.68 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 150V N-CHANNEL POWER MOSFET

20N15V Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 20N15V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N15 UTC-20N15 Datasheet
187Kb / 4P
20A, 150V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
logo
HuaXinAn Electronics CO...
20N151K HUAXINAN-20N151K Datasheet
325Kb / 5P
Metal Oxide Varistors Data Sheet
logo
VBsemi Electronics Co.,...
20N15AGH-HF VBSEMI-20N15AGH-HF Datasheet
1,002Kb / 9P
N-Channel 150 V (D-S) MOSFET
logo
Unisonic Technologies
20N15G-TF1-T UTC-20N15G-TF1-T Datasheet
187Kb / 4P
20A, 150V N-CHANNEL POWER MOSFET
More results


Similar Description - 20N15V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
150V N-Channel MOSFET
logo
International Rectifier
IRF5NJ3315 IRF-IRF5NJ3315 Datasheet
115Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.08ohm, Id=20A)
logo
Taiwan Semiconductor Co...
TSM15N15 TSC-TSM15N15 Datasheet
89Kb / 4P
150V N-Channel Power MOSFET
logo
Unisonic Technologies
UF6N15Z UTC-UF6N15Z Datasheet
144Kb / 3P
6A, 150V N-CHANNEL POWER MOSFET
20N15 UTC-20N15 Datasheet
187Kb / 4P
20A, 150V N-CHANNEL POWER MOSFET
40N15 UTC-40N15 Datasheet
151Kb / 3P
40A, 150V N-CHANNEL POWER MOSFET
60N15 UTC-60N15 Datasheet
134Kb / 3P
60A, 150V N-CHANNEL POWER MOSFET
UF5N15Z UTC-UF5N15Z Datasheet
146Kb / 3P
5A, 150V N-CHANNEL POWER MOSFET
logo
Shenzhen Foster Semicon...
FIR120N15PG FOSTER-FIR120N15PG Datasheet
2Mb / 6P
150V N-Channel Power Mosfet
logo
Rohm
RD3R02BBH ROHM-RD3R02BBH Datasheet
2Mb / 13P
Nch 150V 20A Power MOSFET
20221122 - Rev.002
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com