Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF640V Datasheet (PDF) - Unisonic Technologies

UF640V Datasheet PDF - Unisonic Technologies
Part # UF640V
Download  UF640V Download
File Size   214.85 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET

UF640V Datasheet (PDF)

Go To PDF Page Download Datasheet
UF640V Datasheet PDF - Unisonic Technologies

Part # UF640V
Download  UF640V Click to download

File Size   214.85 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET

UF640V Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UF640V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF640 UTC-UF640 Datasheet
140Kb / 5P
18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
UF640 UTC-UF640 Datasheet
242Kb / 5P
18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
UF640-P UTC-UF640-P Datasheet
220Kb / 5P
N-CHANNEL POWER MOSFET
UF640-TA3-T UTC-UF640-TA3-T Datasheet
140Kb / 5P
18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
UF640-TF3-T UTC-UF640-TF3-T Datasheet
140Kb / 5P
18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
More results


Similar Description - UF640V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRC640 IRF-IRC640 Datasheet
228Kb / 8P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640 IRF-IRF640 Datasheet
178Kb / 6P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
logo
Fairchild Semiconductor
IRFS240A FAIRCHILD-IRFS240A Datasheet
261Kb / 7P
Advanced Power MOSFET (200V, 0.18ohm, 12.8A)
logo
Thinki Semiconductor Co...
IRF640PBF THINKISEMI-IRF640PBF Datasheet
1,002Kb / 6P
18A,200V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
18A 200V N CHANNEL POWER MOSFET
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
IRF640FP 18A 200V N CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com