Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS139Z Datasheet (PDF) - Unisonic Technologies

BSS139Z Datasheet PDF - Unisonic Technologies
Part # BSS139Z
Download  BSS139Z Download
File Size   137.01 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.2A, 50V N-CHANNEL POWER MOSFET

BSS139Z Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS139Z Datasheet PDF - Unisonic Technologies

Part # BSS139Z
Download  BSS139Z Click to download

File Size   137.01 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 0.2A, 50V N-CHANNEL POWER MOSFET

BSS139Z Datasheet (HTML) - Unisonic Technologies




Similar Part No. - BSS139Z

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS139 SIEMENS-BSS139 Datasheet
330Kb / 6P
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
logo
Infineon Technologies A...
BSS139 INFINEON-BSS139 Datasheet
221Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.0 2003-04-03
BSS139 INFINEON-BSS139 Datasheet
667Kb / 9P
SIPMOS Small-Signal-Transistor
Rev. 1.7 2009-08-18
logo
TECH PUBLIC Electronics...
BSS139 TECHPUBLIC-BSS139 Datasheet
1Mb / 5P
N-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
BSS139D AITSEMI-BSS139D Datasheet
645Kb / 6P
POWER MOSFET N-CHANNEL 200mA, 50V
REV1.0
More results


Similar Description - BSS139Z

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N7002SN HSMC-H2N7002SN Datasheet
117Kb / 5P
N-Channel MOSFET (60V, 0.2A)
logo
Fairchild Semiconductor
FQT1N80TF FAIRCHILD-FQT1N80TF Datasheet
814Kb / 8P
N-Channel MOSFET 800V, 0.2A, 20
logo
Unisonic Technologies
02N06Z UTC-02N06Z Datasheet
168Kb / 4P
0.2A, 60V SILICON N-CHANNEL MOSFET
logo
Will Semiconductor Ltd.
WNM3018 WILLSEMI-WNM3018 Datasheet
2Mb / 8P
Small Signal N-Channel, 50V, 0.2A, MOSFET
WNM3019 WILLSEMI-WNM3019 Datasheet
1Mb / 8P
Small Signal N-Channel, 50V, 0.2A, MOSFET
logo
Torex Semiconductor
XP231N0201TR-G TOREX-XP231N0201TR-G Datasheet
269Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02013R-G TOREX-XP231N02013R-G Datasheet
397Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02015R-G TOREX-XP231N02015R-G Datasheet
402Kb / 6P
N-channel MOSFET 30V, 0.2A
XP231N02017R-G TOREX-XP231N02017R-G Datasheet
401Kb / 6P
N-channel MOSFET 30V, 0.2A
logo
AiT Semiconductor Inc.
BSS138L AITSEMI-BSS138L Datasheet
478Kb / 6P
POWER MOSFET 0.2A, 50V N-CHANNEL
REV2.0
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com