Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6611TR1 Datasheet (PDF) - International Rectifier

IRF6611TR1 Datasheet PDF - International Rectifier
Part # IRF6611TR1
Download  IRF6611TR1 Download
File Size   260.08 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description RoHS compliant containing no lead or bromide

IRF6611TR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF6611TR1 Datasheet PDF - International Rectifier

Part # IRF6611TR1
Download  IRF6611TR1 Click to download

File Size   260.08 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description RoHS compliant containing no lead or bromide

IRF6611TR1 Datasheet (HTML) - International Rectifier


IRF6611TR1 Product details

Description
The IRF6611 combines the latest HEXFET® power MOSFET silicon technology with advanced DirectFETTM packaging to achieve the lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, IMPROVING previous best thermal resistance by 80%.

 • Low Profile (<0.7 mm)
 • Dual Sided Cooling Compatible
 • Ultra Low Package Inductance
 • Optimized for High Frequency Switching above 1MHz
 • Ideal for CPU Core DC-DC Converters
 • Optimized for SyncFET Socket of Sync. Buck Converter
 • Low Conduction Losses
 • Compatible with Existing Surface Mount Techniques




Similar Part No. - IRF6611TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6611 IRF-IRF6611 Datasheet
248Kb / 9P
DirectFET Power MOSFET
IRF6611PBF IRF-IRF6611PBF Datasheet
266Kb / 10P
DirectFET Power MOSFET
IRF6611PBF IRF-IRF6611PBF Datasheet
267Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
Ideal for CPU Core DC-DC Converters
More results


Similar Description - IRF6611TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
RoHs Compliant Containing No Lead and Bromide
IRF6626TR1 IRF-IRF6626TR1 Datasheet
641Kb / 10P
RoHS compliant containing no lead or bromide
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
RoHs Compliant Containing No Lead and Bromide
IRF6646TR1 IRF-IRF6646TR1 Datasheet
657Kb / 10P
RoHS compliant containing no lead or bromide
IRF6655TR1 IRF-IRF6655TR1 Datasheet
271Kb / 11P
RoHS compliant containing no lead or bromide 
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
RoHS Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
RoHs Compliant Containing No Lead and Bromide
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com