Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1615 Datasheet (PDF) - Dallas Semiconductor

DS1615 Datasheet PDF - Dallas Semiconductor
Part # DS1615
Download  DS1615 Download
File Size   199.23 Kbytes
Page   24 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Temperature Recorder

DS1615 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1615 Datasheet PDF - Dallas Semiconductor

Part # DS1615
Download  DS1615 Click to download

File Size   199.23 Kbytes
Page   24 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Temperature Recorder

DS1615 Datasheet (HTML) - Dallas Semiconductor


DS1615 Product details

DESCRIPTION
The DS1615 is an integrated temperature recorder that combines a real time clock with temperature data logging and histogram capabilities. It has been designed for applications that require temperature profiling over a given period of time. A programmable sampling rate feature makes the device ideal for applications requiring temperature monitoring over short or long time frames. The integrated Real Time Clock (RTC) provides seconds, minutes, hours, day, date, month, and year information with leap year compensation and also provides an alarm interrupt. Temperature measurement is provided via integrated thermal technology which can measure temperatures from -40°C to +85°C in 0.5°C increments.

FEATURES
■ Digital thermometer measures temperature -40°C to +85°C in 0.5°C increments (-40°F to +183.2°F in 0.9°F increments)
■ Digital thermometer provides ±2°C accuracy
■ Real Time Clock/Calendar in BCD format counts seconds, minutes, hours, date, month, day of the week, and year with leap year compensation (Y2K compatible)
■ Automatically wakes up and measures temperature at user-programmable intervals from 1 to 255 minutes
■ Logs up to 2048 consecutive temperature measurements in read-only nonvolatile memory
■ Records long-term temperature histogram in 63 bins with 2.0°C resolution
■ Programmable temperature-high and temperature-low alarm trip points
■ Two serial interface options: synchronous and
■ asynchronous
    - 3-wire synchronous serial interface
    - Asynchronous serial interface compatible with standard UARTs
■ Memory partitioned into 32-byte pages for packetizing data
■ On-chip 16-bit CRC generator to safeguard data read operations in asynchronous communications mode
■ Unique, factory lasered and tested 64-bit serial number




Similar Part No. - DS1615

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1615 MAXIM-DS1615 Datasheet
323Kb / 24P
Temperature Recorder
122800
DS1615S MAXIM-DS1615S Datasheet
323Kb / 24P
Temperature Recorder
122800
More results


Similar Description - DS1615

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RH520 EXTECH-RH520 Datasheet
389Kb / 15P
Humidity-Temperature Chart Recorder
logo
Fuji Electric
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
PAPERLESS RECORDER
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
Nanodac Recorder
logo
List of Unclassifed Man...
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
Voice Recorder
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
PC Recorder Series PC RECORDER SOFTWARE PACKAGE
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
Paperless Recorder TR30 Series PAPERLESS RECORDER
logo
Maxim Integrated Produc...
DS1616 MAXIM-DS1616 Datasheet
308Kb / 28P
Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
DS1615 MAXIM-DS1615 Datasheet
323Kb / 24P
Temperature Recorder
122800
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com