Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73B Datasheet (PDF) - KOA Speer Electronics, Inc.

RK73B Datasheet PDF - KOA Speer Electronics, Inc.
Part # RK73B
Download  RK73B Download
File Size   889.32 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description THICK FILM竊뉷ENERAL PURPOSE竊

RK73B Datasheet (PDF)

Go To PDF Page Download Datasheet
RK73B Datasheet PDF - KOA Speer Electronics, Inc.

Part # RK73B
Download  RK73B Click to download

File Size   889.32 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description THICK FILM竊뉷ENERAL PURPOSE竊

RK73B Datasheet (HTML) - KOA Speer Electronics, Inc.


RK73B Product details

features
• Marking: No marking on 1F, 1H & 1E sizes, black protective coat. White, three-digit marking on 1J ~ 3A on black protective coat.
• Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb glass contained in electrode, resistor element and glass.
• AEC-Q200 Qualified: 0201 (1H), 0402 (1E), 0603 (1J), 0805 (2A), 1206 (2B), 1210 (2E), 2010 (2H/W2H), 2512 (3A/W3A/W3A2)




Similar Part No. - RK73B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK73B ETC2-RK73B Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B ETC2-RK73B Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
logo
KOA Speer Electronics, ...
RK73B KOA-RK73B Datasheet
889Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B KOA-RK73B Datasheet
385Kb / 2P
general purpose 2%, 5% tolerance
RK73B1AGTA103G KOA-RK73B1AGTA103G Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
More results


Similar Description - RK73B

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B1JTTD434J KOA-RK73B1JTTD434J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2ATTD331J KOA-RK73B2ATTD331J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
logo
List of Unclassifed Man...
RK73B1JTTD910J ETC2-RK73B1JTTD910J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2ETTD151J ETC2-RK73B2ETTD151J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
logo
KOA Speer Electronics, ...
RK73B2BTTD200J KOA-RK73B2BTTD200J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2BTTD154J KOA-RK73B2BTTD154J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B1JTTD331J KOA-RK73B1JTTD331J Datasheet
864Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B1HTTC514J KOA-RK73B1HTTC514J Datasheet
889Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B1JTTD121J KOA-RK73B1JTTD121J Datasheet
889Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
RK73B2BTTD106J KOA-RK73B2BTTD106J Datasheet
889Kb / 2P
THICK FILM竊뉷ENERAL PURPOSE竊
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com