Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEM22S Datasheet (PDF) - EUROQUARTZ limited

VEM22S Datasheet PDF - EUROQUARTZ limited
Part # VEM22S
Download  VEM22S Download
File Size   135.56 Kbytes
Page   2 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 2.5 x 2.0 x 0.8mm Clipped Sinewave Output

VEM22S Datasheet (PDF)

Go To PDF Page Download Datasheet
VEM22S Datasheet PDF - EUROQUARTZ limited

Part # VEM22S
Download  VEM22S Click to download

File Size   135.56 Kbytes
Page   2 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 2.5 x 2.0 x 0.8mm Clipped Sinewave Output

VEM22S Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - VEM22S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
VEM14GT28-38.880-2.5-30 EUROQUARTZ-VEM14GT28-38.880-2.5-30 Datasheet
141Kb / 1P
HCMOS, 14 pin DIL, MHz Range
VEM14GT3-38.880-2.5-30 EUROQUARTZ-VEM14GT3-38.880-2.5-30 Datasheet
141Kb / 1P
HCMOS, 14 pin DIL, MHz Range
VEM14GT33-32.768-2.5-30 EUROQUARTZ-VEM14GT33-32.768-2.5-30 Datasheet
140Kb / 1P
HCMOS 14 pin DIL, kHz Range
VEM14GT33-38.880-2.5-30 EUROQUARTZ-VEM14GT33-38.880-2.5-30 Datasheet
141Kb / 1P
HCMOS, 14 pin DIL, MHz Range
VEM14GT5-32.768-2.5-30 EUROQUARTZ-VEM14GT5-32.768-2.5-30 Datasheet
140Kb / 1P
HCMOS 14 pin DIL, kHz Range
More results


Similar Description - VEM22S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM32S EUROQUARTZ-EM32S Datasheet
128Kb / 1P
Clipped Sinewave 3.2 x 2.5 x1.3mm SMD
EM53S EUROQUARTZ-EM53S Datasheet
140Kb / 1P
Clipped Sinewave 5 x 3.2 x1.2mm SMD
EM57S EUROQUARTZ-EM57S Datasheet
145Kb / 1P
Clipped Sinewave 7 x 5 x 2mm SMD
EM22S EUROQUARTZ-EM22S Datasheet
138Kb / 2P
Clipped Sinewave Output
XON-3200VHG EUROQUARTZ-XON-3200VHG Datasheet
175Kb / 1P
3.2 x 2.5 x 0.9mm SMD - Clipped Sinewave
logo
P-tec Corporation
PL00123-WCG17 P-TEC-PL00123-WCG17 Datasheet
31Kb / 1P
Flat lens package 2.0 x 1.25 x 0.8mm
PL00123-WCG25 P-TEC-PL00123-WCG25 Datasheet
31Kb / 1P
Flat lens package 2.0 x 1.25 x 0.8mm
logo
Connor-Winfield Corpora...
CSBXX CONNOR-WINFIELD-CSBXX Datasheet
696Kb / 4P
LVCMOS or Clipped Sinewave Output
logo
MMD Components
MTWS33 MMD-MTWS33 Datasheet
144Kb / 3P
Clipped Sinewave Output
logo
MTRONPTI
M60641HSN MTRONPTI-M60641HSN Datasheet
882Kb / 2P
2.0 x 2.5 mm, 3.0 V, Clipped Sine Wave, TCXO/VCTCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com